Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3994LDX-1.5 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3994LDX-1.5
Description  50mA CMOS Voltage Regulator with Enable Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3994LDX-1.5 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3994LDX-1.5 Datasheet HTML 1Page - National Semiconductor (TI) LP3994LDX-1.5 Datasheet HTML 2Page - National Semiconductor (TI) LP3994LDX-1.5 Datasheet HTML 3Page - National Semiconductor (TI) LP3994LDX-1.5 Datasheet HTML 4Page - National Semiconductor (TI) LP3994LDX-1.5 Datasheet HTML 5Page - National Semiconductor (TI) LP3994LDX-1.5 Datasheet HTML 6Page - National Semiconductor (TI) LP3994LDX-1.5 Datasheet HTML 7Page - National Semiconductor (TI) LP3994LDX-1.5 Datasheet HTML 8Page - National Semiconductor (TI) LP3994LDX-1.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Electrical Characteristics(Notes 2, 7) (Continued)
Unless otherwise noted, V
EN = 1.2, VIN =VOUT + 1.0V, CIN = 1 µF, IOUT = 1 mA, COUT = 1 µF. Typical values and limits ap-
pearing in normal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the full temperature range for opera-
tion, −40 to +125˚C. (Notes 13, 14)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PSRR
Power Supply Rejection Ratio
f = 100Hz, I
OUT = 1mA to 50mA
70
dB
f = 50kHz, I
OUT = 1mA to 50mA
30
f = 1MHz, I
OUT = 1mA
50
f = 1MHz, I
OUT = 50mA
40
E
n
Output noise Voltage (Note 9)
BW = 100Hz to 100kHz,
V
IN = 4.2V, IOUT = 1mA
95
µV
RMS
T
SHUTDOWN
Thermal Shutdown Temperature
160
˚C
Thermal Shutdown Hysteresis
20
Enable Control Characteristics
I
EN
Maximum Input Current at
V
EN Input
V
EN = 0.0V and VIN = 5.5V
0.015
µA
V
IL
Low Input Threshold
V
IN = 2.5V to 5.5V
0.4
V
V
IH
High Input Threshold
V
IN = 2.5V to 5.5V
1.2
V
Timing Characteristics
T
ON1
Turn On Time (Note 9)
10 to 90% of V
OUT(NOM) (Note 10)
10
20
µS
T
ON2
To 95% Level (Note 11)
35
100
Transient
Response
Line Transient Response |
δV
OUT|
Figure 1 (Note 9)
20
mV
Load Transient Response
|
δV
OUT|
Figure 2 (Note 9)
70
Note 1: Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the device is
guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: All Voltages are with respect to the potential at the GND pin.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage
Note 4: The human body is 100pF discharge through 1.5kW resistor into each pin. The machine model is a 200 pF capacitor discharged directly into each pin.
Note 5: In applications where high power dissipation and/or poor thermal resistance is present, the maximum ambient temperature may have to be derated.
Maximum ambient temperature (TA(max)) is dependant on the maximum operating junction temperature (TJ(max-op)), the maximum power dissipation (PD(max)), and
the junction to ambient thermal resistance in the application (
θJA). This relationship is given by :-
T
A(max) =TJ(max-op) −(PD(max) x
θ
JA)
See Applications section.
Note 6: Junction to ambient thermal resistance is highly application and board layout dependent. In applications where high maximum power dissipation exists, the
thermal dissipation issues should be addressed in the board layout design.
Note 7: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 8: The device maintains the regulated output voltage without the load.
Note 9: This electrical specification is guaranteed by design.
Note 10: Time for VOUT to rise from 10 to 90% of VOUT(nom).
Note 11: Time from VEN = 1.2V to VOUT = 95%(VOUT(nom)).
Note 12: Short circuit current is measured on the input supply line at the point when the short circuit condition reduces the output voltage to 95% of its nominal value.
Note 13: CIN, and COUT: Low ESR surface mont devices used in setting electrical characteristics.
Note 14: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production at TJ = 25˚C or correlated using
Statistical Quality Control methods. Operation over the temperature specification is guaranteed by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
Output Capacitor, Recommended Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
C
o
Output Capacitor
Capacitance(Note 15)
0.7
1.0
µF
ESR
5
500
m
Note 15: The capacitor tolerance should be ±30% or better over the full temperature range. The full range of operating conditions for the capacitor in the application
should be considered during device selection to ensure this minimum capacitance specification is met. X7R capacitor types are recommended to meet the full device
temperature range, however X5R, Y5V, and Z5U types may be used with careful consideration of the application and its operating conditions. (See Capacitor
Sections in Application Hints.)
www.national.com
5


Similar Part No. - LP3994LDX-1.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990 TI-LP3990 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3994LDX-1.5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
   300mA CMOS Low Dropout Voltage Regulator with Enable
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
   80mA CMOS Low Dropout Voltage Regulator with Enable
TS9010 TSC-TS9010 Datasheet
97Kb / 4P
   150mA CMOS Low Dropout Voltage Regulator with Enable
logo
Shenzhen Huazhimei Semi...
HM53XXM5 HMSEMI-HM53XXM5 Datasheet
491Kb / 12P
   High Speed Current_Low Dropout CMOS Voltage Regulator HM53XXM5 Series 500mA (With Enable control)
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601 Datasheet
220Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
logo
ADDtek Corp
AMC7140 ADDTEK-AMC7140 Datasheet
199Kb / 9P
   700mA HIGH VOLTAGE ADJUSTABLE CURRENT REGULATOR WITH ENABLE CONTROL
APRIL 2007
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601_15 Datasheet
268Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Gamma Microelectronics ...
GM6655 GAMMA-GM6655 Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
logo
BCD Semiconductor Manuf...
AP2112 BCDSEMI-AP2112 Datasheet
602Kb / 19P
   600mA CMOS LDO REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com