Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EL38LZCTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10EL38LZCTR
Description  5V/3.3V 첨2, 첨4/6 CLOCK GENERATION CHIP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL38LZCTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10EL38LZCTR Datasheet HTML 1Page - Micrel Semiconductor SY10EL38LZCTR Datasheet HTML 2Page - Micrel Semiconductor SY10EL38LZCTR Datasheet HTML 3Page - Micrel Semiconductor SY10EL38LZCTR Datasheet HTML 4Page - Micrel Semiconductor SY10EL38LZCTR Datasheet HTML 5Page - Micrel Semiconductor SY10EL38LZCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Precision Edge®
SY10EL38/L
SY100EL38/L
Micrel, Inc.
M9999-031006
hbwhelp@micrel.com or (408) 955-1690
TA = -40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min. Typ. Max. Min. Typ. Max.
Min.
Typ.
Max. Unit
fMAX
Maximum Toggle Frequency
1000
1000
1000
1000
MHz
tPD
Propagation Delay to Output
ps
CLK Output (Diff.)
950
1150
950
1150
970
1170 1050
1250
CLK Output (S.E.)
900
1200
900
1200
920
1220 1000
1300
MR Output
600
900
600
900
600
900
600
900
tskew
Within-Device Skew(2) Q0 — Q3
——50—
50
50—
—50
ps
All
——75—
75
75—
—75
Part-to-Part
Q0 — Q3 (Diff.)
200
200
200
200
All
240
240
240
240
tS
Set-up Time
EN CLK
300
150
150
150
150
ps
DIVSEL CLK
300
——
——
tH
Hold Time
CLK EN
400
150
400
150
400
150
400
150
ps
CLK DIVSEL
400
200
400
200
400
200
400
200
VPP
Minimum Input Swing(3)
CLK
250
250
250
250
mV
VCMR
Common Mode Range(4)
CLK
–1.3
–0.4
–1.4
–0.4
–1.4
–0.4
–1.4
–0.4
V
tRR
Reset Recovery Time
100
100
100
100
ps
tPW
Minimum Pulse Width
CLK
800
800
800
800
ps
MR
700
700
700
700
tr
Output Rise/Fall Times
Q
280
550
280
550
280
550
280
550
ps
tf
(20% —80%)
AC ELECTRICAL CHARACTERISTICS(1)
VEE = VEE (Min.) to VEE (Max.); VCC = GND
NOTES:
1. Parametric values specified at:
5 volt Power Supply Range
100EL38 Series:
-4.2V to -5.5V.
10EL38 Series
-4.75V to -5.5V.
3 volt Power Supply Range
10/100EL38L Series:
-3.0V to -3.8V.
2. Skew is measured between outputs under identical transitions.
3. Minimum input swing for which AC parameters are guaranteed. The device will function reliably with differential inputs down to 100mV.
4. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified
range and the peak-to-peak voltage lies between VPP min. and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table
assume a nominal VEE = –3.3V. Note for PECL operation, the VCMR (min) will be fixed at 3.3V – IVCMR (min)I.


Similar Part No. - SY10EL38LZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY10EL31 MICREL-SY10EL31 Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY10EL31ZC MICREL-SY10EL31ZC Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY10EL31ZC MICREL-SY10EL31ZC Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY10EL31ZCTR MICREL-SY10EL31ZCTR Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
More results

Similar Description - SY10EL38LZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
Microchip Technology
SY100EL34 MICROCHIP-SY100EL34 Datasheet
752Kb / 14P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
02/28/20
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34_06 Datasheet
61Kb / 5P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
SY10EL34 MICREL-SY10EL34_11 Datasheet
176Kb / 7P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100LVEL38 ONSEMI-MC100LVEL38 Datasheet
128Kb / 5P
   첨2, 첨4/6 Clock Generation Chip
1996 REV 1
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com