Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100E310LJI Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100E310LJI
Description  3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E310LJI Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100E310LJI Datasheet HTML 1Page - Micrel Semiconductor SY100E310LJI Datasheet HTML 2Page - Micrel Semiconductor SY100E310LJI Datasheet HTML 3Page - Micrel Semiconductor SY100E310LJI Datasheet HTML 4Page - Micrel Semiconductor SY100E310LJI Datasheet HTML 5Page - Micrel Semiconductor SY100E310LJI Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SY100E310L
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
V
CC = +3.3V, VEE = 0V; TA = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OH
Output High Voltage
R
L = 50Ω to VCC –2V
–1085
–955
–880
mV
(Q0-Q7, /Q0-/Q7)
V
OL
Output Low Voltage
R
L = 50Ω to VCC –2V
–1830
–1705
–1620
mV
(Q0-Q7, /Q0-/Q7)
V
IH
Input High Voltage
–1165
–880
mV
(CLKA, /CLKA, CLKB, /CLKB, CLK_SEL)
V
IL
Input Low Voltage
–1810
–1475
mV
(CLKA, /CLKA, CLKB, /CLKB, CLK_SEL)
V
IHCMR
Input High Voltage Common
Note 9
–1.5
–0.4
V
Mode Range (Differential)
(CLKA, / CLKA, CLKB, /CLKB)
V
BB
Output Reference Voltage
–1.38
–1.26
V
I
IN
Input HIGH Current
150
µA
(CLKA, /CLKA, CLKB,/CLKB, CLK_SEL)
I
IL
Input LOW Current
0.5
µA
(CLKA, /CLKA, CLKB, /CLKB, CLK_SEL)
LVNECL DC ELECTRICAL CHARACTERISTICS(7, 8)
V
CC = +3.0 to +3.6V and VEE = 0V or VCC = 0V and VEE = –3.0 to –3.6V; TA = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
V
OUT = 400mV
800
MHz
tPD
Propagation Delay
Note 10
525
725
ps
CLKA-to-Q, CLKB-to-Q (Differential)
CLKA-to-Q, CLKB-to-Q (Single-ended)
Note 11
500
750
ps
tSKEW
Within-Device Skew
Note 12
50
ps
Part-to-Part Skew (Differential)
200
ps
tJITTER
Cycle-to-Cycle Jitter
1ps
RMS
VPP
Input Swing
Note 13
500
1000
mV
tr, tf
Rise / Fall Time (20% to 80%)
160
375
600
ps
(Q0-Q7, /Q0-/Q7)
Notes:
7. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
8. Input and output parameters vary 1:1 with V
CC. VCC can vary ±0.3V.
9. V
IHCMR is defined as the range within which the VIH level may vary with the device still meeting the propagation delay specification. The VIL level
must be such that the peak-to-peak voltage is less than 1.0V and then greater than or equal to V
PP(min).
10. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals.
11. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal.
12. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device.
13. V
PP(min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP(min) is AC limited for
the E310L as a differential input as low as 50 mV will still produce full ECL levels at the output.
AC ELECTRICAL CHARACTERISTICS


Similar Part No. - SY100E310LJI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E310LJI MICREL-SY100E310LJI Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310LJITR MICREL-SY100E310LJITR Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
More results

Similar Description - SY100E310LJI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com