Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EL16VOKCTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY100EL16VOKCTR
Description  3.3V/5V 800MHz PRECISION PECL AMPLIFIER WITH LOW GAIN FEEDBACK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL16VOKCTR Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY100EL16VOKCTR Datasheet HTML 1Page - Micrel Semiconductor SY100EL16VOKCTR Datasheet HTML 2Page - Micrel Semiconductor SY100EL16VOKCTR Datasheet HTML 3Page - Micrel Semiconductor SY100EL16VOKCTR Datasheet HTML 4Page - Micrel Semiconductor SY100EL16VOKCTR Datasheet HTML 5Page - Micrel Semiconductor SY100EL16VOKCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
SY100EL16VO
Micrel
10 LEAD MSOP (K10-1)
Rev. 00
MICREL, INC.
1849 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 944-0970 WEB http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2003 Micrel, Incorporated.


Similar Part No. - SY100EL16VOKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL16VO MICREL-SY100EL16VO Datasheet
88Kb / 5P
   DUAL SUPPLY OCTAL ECL-TO-TTL
More results

Similar Description - SY100EL16VOKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89207L MICREL-SY89207L Datasheet
55Kb / 6P
   3.3V 800MHz PRECISION PECL AMPLIFIER WITH LOW-GAIN FEEDBACK
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88933V MICREL-SY88933V Datasheet
63Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER
SY88803V MICREL-SY88803V_06 Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER
SY88793V MICREL-SY88793V Datasheet
61Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88713V MICREL-SY88713V Datasheet
55Kb / 8P
   3.3V/5V 622 Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/PECL SIGNAL DETECT
logo
Golledge Electronics Lt...
GVXO-34 GOLLEDGE-GVXO-34_15 Datasheet
126Kb / 1P
   3.3V & 5V VCXO - Complementary PECL
logo
Maxim Integrated Produc...
MAX2056 MAXIM-MAX2056 Datasheet
716Kb / 12P
   800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com