Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EP32VKCTR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY10EP32VKCTR
Description  5V/3.3V 첨 2 DIVIDER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP32VKCTR Datasheet(HTML) 9 Page - Micrel Semiconductor

  SY10EP32VKCTR Datasheet HTML 1Page - Micrel Semiconductor SY10EP32VKCTR Datasheet HTML 2Page - Micrel Semiconductor SY10EP32VKCTR Datasheet HTML 3Page - Micrel Semiconductor SY10EP32VKCTR Datasheet HTML 4Page - Micrel Semiconductor SY10EP32VKCTR Datasheet HTML 5Page - Micrel Semiconductor SY10EP32VKCTR Datasheet HTML 6Page - Micrel Semiconductor SY10EP32VKCTR Datasheet HTML 7Page - Micrel Semiconductor SY10EP32VKCTR Datasheet HTML 8Page - Micrel Semiconductor SY10EP32VKCTR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Precision Edge®
SY10EP32V
SY100EP32V
Micrel, Inc.
M9999-111605
hbwhelp@micrel.com or (408) 955-1690
8 LEAD SOIC .150" WIDE (Z8-1)
Rev. 03
MICREL, INC.
2180 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2005 Micrel, Incorporated.


Similar Part No. - SY10EP32VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP31V MICREL-SY10EP31V Datasheet
81Kb / 6P
   5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
SY10EP31V MICREL-SY10EP31V Datasheet
111Kb / 7P
   5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
SY10EP31VKC MICREL-SY10EP31VKC Datasheet
81Kb / 6P
   5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
SY10EP31VKC MICREL-SY10EP31VKC Datasheet
111Kb / 7P
   5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
SY10EP31VKCTR MICREL-SY10EP31VKCTR Datasheet
81Kb / 6P
   5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
More results

Similar Description - SY10EP32VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
ON Semiconductor
MC100EP32 ONSEMI-MC100EP32 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
logo
List of Unclassifed Man...
AZ10EL32 ETC1-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
logo
Arizona Microtek, Inc
AZ10LVEL32 AZM-AZ10LVEL32 Datasheet
178Kb / 8P
   ECL/PECL 첨 2 Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com