Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10422-4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SY10422-4
Description  256 x 4 ECL RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SY10422-4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SY10422-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers SY10422-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers SY10422-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers SY10422-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers SY10422-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers SY10422-4 Datasheet HTML 6Page - List of Unclassifed Manufacturers SY10422-4 Datasheet HTML 7Page - List of Unclassifed Manufacturers SY10422-4 Datasheet HTML 8Page - List of Unclassifed Manufacturers SY10422-4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
SY10422-3/4/5/7
SY100422-3/4/5/7
SY101422-3/4/5/7
PIN CONFIGURATIONS
TRUTH TABLE
Input
BS
WE
DIN
Output
Mode
H
X
X
L
Disabled
L
L
H
L
Write “H”
L
L
L
L
Write “L”
LH
X
DOUT
Read
NOTE:
H = High Voltage Level
L = Low Voltage Level
X = Don’t Care
Label
Function
A0 - A7
Address Inputs
BS0 - BS3
Block Select (BS)
WE
Write Enable
DI0 - DI3
Data Input (DIN)
DO0 - DO3
Data Output (DOUT)
VCC
GND (0V)
VCCA
Output GND (0V)
VEE
Supply Voltage
PIN NAMES
SYNERGY
SEMICONDUCTOR
A5
WE
DI1
DI0
DO1
BS1
A3
DI2
BS2
A4
DO2
DI3
18
17
16
15
14
13
1
2
3
4
5
6
7
24
8
23
9
22
10
21
11
20
12
19
Top View
Flatpack
F24-1
12
4
25
5
24
6
23
7
22
8
21
9
20
10
19
11
13
3
14
2
15
1
16
28
17
27
18
26
Top View
MLCC (M28-1)
or
PLCC (J28-1)
DO2
BS2
DI3
NC
DI2
A4
A3
DO1
BS1
DI0
NC
DI1
WE
A5


Similar Part No. - SY10422-4

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SY1045V2 SHUNYE-SY1045V2 Datasheet
655Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
SY10474-3 ETC1-SY10474-3 Datasheet
238Kb / 10P
   1K x 4 ECL RAM
SY10474-3FCF ETC1-SY10474-3FCF Datasheet
238Kb / 10P
   1K x 4 ECL RAM
SY10474-3MCF ETC1-SY10474-3MCF Datasheet
238Kb / 10P
   1K x 4 ECL RAM
SY10474-4 ETC1-SY10474-4 Datasheet
238Kb / 10P
   1K x 4 ECL RAM
More results

Similar Description - SY10422-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SY10474-3 ETC1-SY10474-3 Datasheet
238Kb / 10P
   1K x 4 ECL RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
HM-6561 INTERSIL-HM-6561 Datasheet
143Kb / 9P
   256 x 4 CMOS RAM
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551_03 Datasheet
547Kb / 10P
   256 x 4 CMOS RAM
logo
Siemens Semiconductor G...
HYB514256B SIEMENS-HYB514256B Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
logo
National Semiconductor ...
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
   1024-Bit (256 x 4) Static RAM
logo
Cypress Semiconductor
CY7C194B CYPRESS-CY7C194B Datasheet
256Kb / 13P
   256 Kb (64K x 4) Static RAM
CY7C194BN CYPRESS-CY7C194BN Datasheet
397Kb / 10P
   256 Kb (64K x 4) Static RAM
logo
Toshiba Semiconductor
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com