Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN80L49RMS Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN80L49RMS
Description  Low-drop type positive output voltage regulator IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN80L49RMS Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN80L49RMS Datasheet HTML 1Page - Panasonic Semiconductor AN80L49RMS Datasheet HTML 2Page - Panasonic Semiconductor AN80L49RMS Datasheet HTML 3Page - Panasonic Semiconductor AN80L49RMS Datasheet HTML 4Page - Panasonic Semiconductor AN80L49RMS Datasheet HTML 5Page - Panasonic Semiconductor AN80L49RMS Datasheet HTML 6Page - Panasonic Semiconductor AN80L49RMS Datasheet HTML 7Page - Panasonic Semiconductor AN80L49RMS Datasheet HTML 8Page - Panasonic Semiconductor AN80L49RMS Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Voltage Regulators
1
AN80LXXRMS Series
Low-drop type positive output voltage regulator IC
s Overview
The AN80LXXRMS series is 0.15 A output low-drop
output type positive voltage regulator IC with resetting
function. 20 classifications of output voltages, 1.8 V, 1.9
V, 2.0 V, 2.1 V, 2.2 V, 2.5 V, 2.8 V, 2.9 V, 3.0 V, 3.1 V, 3.2
V, 3.3 V, 3.4 V, 3.5 V, 3.6 V, 4.8 V, 4.9 V, 5.0 V, 5.1 V and
5.2 V are available. In addition, it is adopting the surface
mounting type package (Mini 5-pin plastic package), so
that it is most suited for miniaturization and weight re-
duction of set equipment.
s Features
• Minimum input and output voltage difference : 0.4 V
max.
• High precision output voltage : (allowance : ± 3%)
• Built-in reset function terminal (High : Active)
• Built-in overcurrent limiting circuit
• Built-in circuit for limiting rush current at input voltage
rising time
• Output voltage : 1.8 V to 5.2 V
s Applications
• Cellular phone, PHS, analog cordless phone, other small
sized potable equipment
s Block diagram
Unit : mm
Mini-type 5-pin
2.8
+0.2
–0.3
1.5
0.65±0.15
0.65±0.15
1
5
4
3
2
+0.25
–0.05
0.4±0.2
0.1 to 0.3
1
5
IN
2
OUT
3
N.C.
CONT
Current
source
Start /
Stop
Error
amp.
Bandgap
reference
Type name indication symbol : XX


Similar Part No. - AN80L49RMS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN80L49RMS PANASONIC-AN80L49RMS Datasheet
321Kb / 27P
   Positive output, low dropout voltage regulator (150 mA type)
More results

Similar Description - AN80L49RMS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1118 UTC-LR1118_14 Datasheet
257Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATOR
logo
AUK corp
S78DL05L AUK-S78DL05L Datasheet
223Kb / 3P
   Low Drop output Voltage Regulator
S5225M AUK-S5225M Datasheet
427Kb / 7P
   Low Drop Output Voltage Regulator
S52XXM AUK-S52XXM Datasheet
365Kb / 6P
   Low Drop Output Voltage Regulator
S78DL05F AUK-S78DL05F_06 Datasheet
219Kb / 3P
   Low Drop output Voltage Regulator
S78DL05L AUK-S78DL05L_07 Datasheet
159Kb / 4P
   Low Drop output Voltage Regulator
S78DL33L AUK-S78DL33L_07 Datasheet
155Kb / 4P
   Low Drop output Voltage Regulator
logo
KODENSHI_AUK CORP.
S78DL33 KODENSHI-S78DL33 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
S78DL05 KODENSHI-S78DL05 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
logo
AUK corp
S78DL33F AUK-S78DL33F_07 Datasheet
153Kb / 4P
   Low Drop output Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com