Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH5RIXX2B Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RH5RIXX2B
Description  VFM STEP-UP DC/DC CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RIXX2B Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RH5RIXX2B Datasheet HTML 5Page - RICOH electronics devices division RH5RIXX2B Datasheet HTML 6Page - RICOH electronics devices division RH5RIXX2B Datasheet HTML 7Page - RICOH electronics devices division RH5RIXX2B Datasheet HTML 8Page - RICOH electronics devices division RH5RIXX2B Datasheet HTML 9Page - RICOH electronics devices division RH5RIXX2B Datasheet HTML 10Page - RICOH electronics devices division RH5RIXX2B Datasheet HTML 11Page - RICOH electronics devices division RH5RIXX2B Datasheet HTML 12Page - RICOH electronics devices division RH5RIXX2B Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
8
• RH5RI303B
Symbol
Item
VOUT
Output Voltage
VIN
Input Voltage
Vstart
Start-up Voltage
Vhold
Hold-on Voltage
η
Efficiency
IIN1
Input Current 1
IIN2
Input Current 2
ILX
Lx Switching Current
ILXleak
Lx Leakage Current
IEXTH
EXT “H” Output Current
IEXTL
EXT “L” Output Current
VCEH1
CE “H” Level 1
VCEL1
CE “L” Level 1
VCEH2
CE “H” Level 2
VCEL2
CE “L” Level 2
ICEH
CE “H” Input Current
ICEL
CE “L” Input Current
fosc
Maximum Oscillator
Frequency
Maxdty
Oscillator Duty Cycle
VLXlim
VLX Voltage Limit
Conditions
MIN.
TYP.
MAX.
Unit
Note
2.925
3.000
3.075
V
8V
IOUT=1mA,VIN:0
→2V
0.8
0.9
V
IOUT=1mA,VIN:2
→0V
0.7
V
70
80
%
To be measured at VIN
48
µA
at no load
To be measured at VIN
25
µA
VIN=3.5V
VLX=0.4V
60
mA
VLX=6V,VIN=3.5V
0.5
µA
VEXT=VOUT–0.4V
–1.5
mA
VEXT=0.4V
1.5
mA
VOUT
≥1.5V
VOUT–0.4
V
VOUT
≥1.5V
0.4
V
0.8V
≤VOUT<1.5V
VOUT–0.1
V
0.8V
≤VOUT<1.5V
0.1
V
CE=3V
0.5
µA
CE=0V
– 0.5
µA
80
100
120
kHz
on (VLX “L” )side
65
75
85
%
Lx Switch on
0.65
0.8
1.0
V
Note
VOUT=3.0V
Unless otherwise provided, VIN=1.8V, VSS=0V, IOUT=10mA, Topt=25˚C, and use External Circuit of Typical
Application (FIG. 3).
(Note) ILX is gradually increased by the external inductor after Lx Switch is turned ON. In accordance with the increase of ILX, VLX is also increased.
When VLX reaches VLXlim, Lx Switch is turned OFF by Lx Switch Protection Circuit. The time period from the time at which VLX reaches VLXlim to
the time at which Lx Switch is turned OFF is about 3µs.
RH5RI


Similar Part No. - RH5RIXX2B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
RH5RI301B-T1 RICOH-RH5RI301B-T1 Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
RH5RI301B-T2 RICOH-RH5RI301B-T2 Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
RH5RI302B RICOH-RH5RI302B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
RH5RI302B-T1 RICOH-RH5RI302B-T1 Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
More results

Similar Description - RH5RIXX2B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
RICOH electronics devic...
RN5RYXX1 RICOH-RN5RYXX1 Datasheet
434Kb / 12P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
RN5RY301 RICOH-RN5RY301 Datasheet
117Kb / 13P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com