Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2379AIDG4 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2379AIDG4
Description  1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2379AIDG4 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA2379AIDG4 Datasheet HTML 4Page - Burr-Brown (TI) OPA2379AIDG4 Datasheet HTML 5Page - Burr-Brown (TI) OPA2379AIDG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA2379AIDG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA2379AIDG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA2379AIDG4 Datasheet HTML 9Page - Burr-Brown (TI) OPA2379AIDG4 Datasheet HTML 10Page - Burr-Brown (TI) OPA2379AIDG4 Datasheet HTML 11Page - Burr-Brown (TI) OPA2379AIDG4 Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
OPA379
OPA2379
OPA4379
SBOS347A − NOVEMBER 2005 − REVISED DECEMBER 2005
www.ti.com
8
In unity-gain inverter configuration, phase margin can be
reduced by the reaction between the capacitance at the op
amp input and the gain setting resistors, thus degrading
capacitive load drive. Best performance is achieved by
using smaller valued resistors. However, when large
valued resistors cannot be avoided, a small (4pF to 6pF)
capacitor, CFB, can be inserted in the feedback, as shown
in Figure 3. This configuration significantly reduces
overshoot by compensating the effect of capacitance, CIN,
which includes the amplifier input capacitance and PC
board parasitic capacitance.
R
I
OPA379
V
IN
V
OUT
R
F
C
FB
C
IN
C
L
Figure 3. Improving Capacitive Load Drive
BATTERY MONITORING
The low operating voltage and quiescent current of the
OPA379 series make it an excellent choice for battery
monitoring applications, as shown in Figure 4. In this
circuit, VSTATUS will be high as long as the battery voltage
remains above 2V. A low-power reference is used to set
the trip point. Resistor values are selected as follows:
1.
Selecting RF: Select RF such that the current through RF
is approximately 1000x larger than the maximum bias
current over temperature:
R
F +
V
REF
1000 I
BMAX
+
1.2V
1000(100pA)
+ 12MW [ 10MW
2.
Choose the hysteresis voltage, VHYST. For battery-
monitoring applications, 50mV is adequate.
3.
Calculate R1 as follows:
R
1 + RF
V
HYST
V
BATT
+ 10MW
50mV
2.4V
+ 210kW
4.
Select a threshold voltage for VIN rising (VTHRS) = 2.0V
5.
Calculate R2 as follows:
R
2
+
1
V
THRS
V
REF
R
1
* 1
R
1
* 1
R
F
+
1
2V
1.2V
210k
W *
1
210k
W *
1
10M
W
+ 325kW
6.
Calculate RBIAS: The minimum supply voltage for this
circuit will be 1.8V. The REF1112 has a current
requirement of 1.2
µA (max). Providing it 2µA of supply
current assures proper operation. Therefore:
R
BIAS +
V
BATTMIN
I
BIAS
+ 1.8V
2
mA
+ 0.9MW
REF1112
OPA379
+IN
OUT
−IN
V
STATUS
V
BATT
V
REF
R
1
R
2
R
BIAS
I
BIAS
R
F
+
Figure 4. Battery Monitor
(1)
(2)
(3)
(4)


Similar Part No. - OPA2379AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2379AIDG4 TI-OPA2379AIDG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
OPA2379AIDG4 TI-OPA2379AIDG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
OPA2379AIDG4 TI-OPA2379AIDG4 Datasheet
1Mb / 29P
[Old version datasheet]   18V 29mA90kHz, Rail-to-Rail I/O ATIONAL AMPLIFIERS
More results

Similar Description - OPA2379AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA379AIDBVR TI1-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA379AIDBV TI-OPA379AIDBV Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O RATIONAL AMPLIFIERS
OPA379AIDBVR TI-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O PERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com