Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EP32V Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100EP32V
Description  5V/3.3V 첨 2 DIVIDER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP32V Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100EP32V Datasheet HTML 1Page - Micrel Semiconductor SY100EP32V Datasheet HTML 2Page - Micrel Semiconductor SY100EP32V Datasheet HTML 3Page - Micrel Semiconductor SY100EP32V Datasheet HTML 4Page - Micrel Semiconductor SY100EP32V Datasheet HTML 5Page - Micrel Semiconductor SY100EP32V Datasheet HTML 6Page - Micrel Semiconductor SY100EP32V Datasheet HTML 7Page - Micrel Semiconductor SY100EP32V Datasheet HTML 8Page - Micrel Semiconductor SY100EP32V Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Precision Edge®
SY10EP32V
SY100EP32V
Micrel, Inc.
M9999-111605
hbwhelp@micrel.com or (408) 955-1690
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
37
30
37
42
mA
VOH
Output HIGH Voltage(3)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage(3)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VIH
Input HIGH Voltage
2075
2420
2075
2420
2075
2420
mV
(Single-Ended)
VIL
Input LOW Voltage
1355
1675
1355
1675
1355
1675
mV
(Single-Ended)
VBB
Output Voltage
1775
1875
1975
1775
1875
1975
1775
1875
1975
mV
VIHCMR
Input HIGH Voltage(4)
Common Mode Range
2.0
V
CC
2.0
V
CC
2.0
V
CC
V
(Differential)
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
CLK
0.5
0.5
0.5
µA
/CLK
–150
–150
–150
Note 1.
100EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
Input and output parameters vary 1:1 with V
CC.
Note 3.
All loading with 50Ω to VCC –2.0V.
Note 4.
The V
IHCMR range is referenced to the most positive side of the differential input signal.
(100EP) LVPECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = +3.3V ±10%; VEE = 0V
(2)
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
37
30
37
42
mA
VOH
Output HIGH Voltage(3)
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
VOL
Output LOW Voltage(3)
3055
3180
3305
3055
3180
3305
3055
3180
3305
mV
VIH
Input HIGH Voltage
3775
4120
3775
4120
3775
4120
mV
(Single-Ended)
VIL
Input LOW Voltage
3055
3375
3055
3375
3055
3375
mV
(Single-Ended)
VBB
Output Voltage
3475
3575
3675
3475
3575
3675
3475
3575
3675
mV
VIHCMR
Input HIGH Voltage(4)
Common Mode Range
2.0
V
CC
2.0
V
CC
2.0
V
CC
V
(Differential)
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
CLK
0.5
0.5
0.5
µA
/CLK
–150
–150
–150
Note 1.
100EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
Input and output parameters vary 1:1 with V
CC.
Note 3.
All loading with 50Ω to VCC –2.0V.
Note 4.
The V
IHCMR range is referenced to the most positive side of the differential input signal.
(100EP) PECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = +5.0V ±10%; VEE = 0V
(2)


Similar Part No. - SY100EP32V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP33V MICREL-SY100EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
SY100EP33V MICREL-SY100EP33V Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY100EP33VKC MICREL-SY100EP33VKC Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
SY100EP33VKC MICREL-SY100EP33VKC Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY100EP33VKCTR MICREL-SY100EP33VKCTR Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
More results

Similar Description - SY100EP32V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
ON Semiconductor
MC100EP32 ONSEMI-MC100EP32 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
logo
List of Unclassifed Man...
AZ10EL32 ETC1-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
logo
Arizona Microtek, Inc
AZ10LVEL32 AZM-AZ10LVEL32 Datasheet
178Kb / 8P
   ECL/PECL 첨 2 Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com