Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EL16VBZITR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EL16VBZITR
Description  ENHANCED DIFFERENTIAL RECEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL16VBZITR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EL16VBZITR Datasheet HTML 1Page - Micrel Semiconductor SY100EL16VBZITR Datasheet HTML 2Page - Micrel Semiconductor SY100EL16VBZITR Datasheet HTML 3Page - Micrel Semiconductor SY100EL16VBZITR Datasheet HTML 4Page - Micrel Semiconductor SY100EL16VBZITR Datasheet HTML 5Page - Micrel Semiconductor SY100EL16VBZITR Datasheet HTML 6Page - Micrel Semiconductor SY100EL16VBZITR Datasheet HTML 7Page - Micrel Semiconductor SY100EL16VBZITR Datasheet HTML 8Page - Micrel Semiconductor SY100EL16VBZITR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SY10EL16VA-VF
SY100EL16VA-VF
Micrel
PIN CONFIGURATION/BLOCK DIAGRAM
1
2
3
4
5
6
8
7
/D
NC
D
VBB
VCC
QHG
VEE
/QHG
SY10/100EL16VA
5V/3.3V Differential Receiver w/High Gain
(Available in 8-pin SOIC or 8-pin MSOP)
1
2
3
4
5
6
8
7
D
Q
D
VBB
VCC
QHG
VEE
/QHG
1
2
3
4
5
6
8
7
/D
/Q
D
VBB
VCC
QHG
VEE
SY10/100EL16VB
EL16VA w/Extra QB output
(Available in 8-pin SOIC or 8-pin MSOP)
VBB
1
2
3
4
5
6
8
/Q
D
/EN
VCC
QHG
VEE
/QHG
LEN Q
D
VBB
LATCH
OE
7
SY10/100EL16VC
EL16VB w/Enable Input
(Available in 8-pin SOIC or 8-pin MSOP)
1
2
3
4
5
6
8
7
D
Q
/Q
/D
VCC
QHG
VEE
/QHG
SY10/100EL16VE
EL16VB w/Differential Q, QB output (no VBB)
(Available in 8-pin SOIC or 8-pin MSOP)
/D
1
2
3
4
5
6
8
/Q
D
/EN
VCC
QHG
VEE
/QHG
LEN Q
D
BB
LATCH
OE
7
SY10/100EL16VF
EL16VC w/Differential Data Input
(Available in 8-pin SOIC or 8-pin MSOP)


Similar Part No. - SY100EL16VBZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL16VBZC MICREL-SY100EL16VBZC Datasheet
158Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
SY100EL16VBZCTR MICREL-SY100EL16VBZCTR Datasheet
158Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
More results

Similar Description - SY100EL16VBZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89251V MICREL-SY89251V Datasheet
194Kb / 7P
   Enhanced Differential Receiver
SY89250V MICREL-SY89250V Datasheet
55Kb / 6P
   ENHANCED DIFFERENTIAL RECEIVER
SY10EL16VA MICREL-SY10EL16VA Datasheet
158Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
logo
National Semiconductor ...
DS34LV86T NSC-DS34LV86T Datasheet
192Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT NSC-DS26LV32AT Datasheet
167Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
logo
Texas Instruments
DS26LV32AW-QML TI-DS26LV32AW-QML Datasheet
136Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AQML TI1-DS26LV32AQML Datasheet
493Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATM TI-DS26LV32ATM Datasheet
893Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT TI1-DS26LV32AT_15 Datasheet
913Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATMX TI1-DS26LV32ATMX Datasheet
912Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com