Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY101474-4FCF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SY101474-4FCF
Description  1K x 4 ECL RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SY101474-4FCF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SY101474-4FCF Datasheet HTML 1Page - List of Unclassifed Manufacturers SY101474-4FCF Datasheet HTML 2Page - List of Unclassifed Manufacturers SY101474-4FCF Datasheet HTML 3Page - List of Unclassifed Manufacturers SY101474-4FCF Datasheet HTML 4Page - List of Unclassifed Manufacturers SY101474-4FCF Datasheet HTML 5Page - List of Unclassifed Manufacturers SY101474-4FCF Datasheet HTML 6Page - List of Unclassifed Manufacturers SY101474-4FCF Datasheet HTML 7Page - List of Unclassifed Manufacturers SY101474-4FCF Datasheet HTML 8Page - List of Unclassifed Manufacturers SY101474-4FCF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
SY10/100/101474-3
SY10/100/101474-4
SY10/100/101474-5
SY10/100/101474-7
PIN CONFIGURATIONS
Label
Function
A0 - A9
Address Inputs
CS
Chip Select
WE
Write Enable
DI0 - DI3
Data Input (DIN)
DO0 - DO3
Data Output (DOUT)
VCC
GND (0V)
VCCA
Output GND (0V)
VEE
Supply Voltage
NC
No Connect
TRUTH TABLE
PIN NAMES
Input
CS
WE
DIN
Output
Mode
H
X
X
L
Disabled
L
L
H
L
Write “H”
L
L
L
L
Write “L”
LH
X
DOUT
Read
NOTE:
H = High Voltage Level
L = Low Voltage Level
X = Don’t Care
A5
A4
A3
A2
A0
A1
WE
DI0
DI2
CS
DI3
DI1
18
17
16
15
14
13
1
2
3
4
5
6
7
24
8
23
9
22
10
21
11
20
12
19
Top View
Flatpack
F24-1
SYNERGY
SEMICONDUCTOR
12
4
25
5
24
6
23
7
22
8
21
9
20
10
19
11
13
3
14
2
15
1
16
28
17
27
18
26
Top View
MLCC (M28-1)
or
PLCC (J28-1)
DI3
DI2
DI1
NC
DI0
CS
WE
A0
A1
A2
NC
A3
A4
A5


Similar Part No. - SY101474-4FCF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SY101422-3 ETC1-SY101422-3 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY101422-4 ETC1-SY101422-4 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY101422-5 ETC1-SY101422-5 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
SY101422-7 ETC1-SY101422-7 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
More results

Similar Description - SY101474-4FCF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
   1K x 4 Static RAM
logo
List of Unclassifed Man...
SY10422-3 ETC1-SY10422-3 Datasheet
271Kb / 10P
   256 x 4 ECL RAM
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
Pyramid Semiconductor C...
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
List of Unclassifed Man...
SC5104 ETC1-SC5104 Datasheet
500Kb / 8P
   64K X 4 BiCMOS ECL I/O STATIC RAM
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Siemens Semiconductor G...
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com