Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFC05-4 Datasheet(PDF) 5 Page - Protek Devices

Part # SFC05-4
Description  FLIP CHIP ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SFC05-4 Datasheet(HTML) 5 Page - Protek Devices

  SFC05-4 Datasheet HTML 1Page - Protek Devices SFC05-4 Datasheet HTML 2Page - Protek Devices SFC05-4 Datasheet HTML 3Page - Protek Devices SFC05-4 Datasheet HTML 4Page - Protek Devices SFC05-4 Datasheet HTML 5Page - Protek Devices SFC05-4 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.protekdevices.com
05131.R6 4/05
SFC05-4
PACKAGE OUTLINE & DIMENSIONS
A
B
C
E
F
G
H
I
0.510
0.510
0.99 ± 0.0254
0.15 NOM
1.5 ± 0.0254
0.15 NOM
See Note 3
0.076 MIN
0.419 NOM
0.020
0.020
0.039 ± 0.001
0.006 NOM
0.059 ± 0.001
0.006 NOM
See Note 3
0.003 MIN
0.0165 NOM
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES:
1. Controlling dimensions in inches.
2. Decimal tolerances for mounting pad and
outline: .xxx ± 0.05mm (± 0.002”).
3. “H” Dimensions for the SFC05-4 device
are 0.10mm Max and 0.004” Max.
PACKAGE OUTLINE
MOUNTING PAD LAYOUT - Option 1
A
B
C
D
E
F
G
0.305
0.457
0.203
0.254
0.510
0.990
0.510
NOTE:
1.
Preferred: Using 0.1mm (0.004”) stencil.
0.012
0.018
0.008
0.010
0.020
0.039
0.020
PAD DIMENSIONS
DIM
MILLIMETERS
INCHES
Outline & Dimensions: Rev 0 - 10/02, 06039
H
E
F
I
B
TOP
END
SOLDER PRINT
0.010” - 0.012” DIA.
A
G
SOLDER PADS
SOLDER MASK
DIE
SOLDER
BUMPS


Similar Part No. - SFC05-4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SFC05-4 SEMTECH-SFC05-4 Datasheet
174Kb / 7P
   CSP TVS Flip Chip TVS Diode Array
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4 Datasheet
93Kb / 6P
   FLIP CHIP ARRAY
logo
Semtech Corporation
SFC05-4 SEMTECH-SFC05-4 Datasheet
224Kb / 8P
   ChipClamp課? Flip Chip TVS Diode Array
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4 Datasheet
917Kb / 10P
   300w flip chip tvs array
SFC05-4-LF-T75-2 PROTEC-SFC05-4-LF-T75-2 Datasheet
93Kb / 6P
   FLIP CHIP ARRAY
More results

Similar Description - SFC05-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P0406FC ETC-P0406FC Datasheet
117Kb / 6P
   FLIP CHIP ARRAY
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4_07 Datasheet
93Kb / 6P
   FLIP CHIP ARRAY
SFC05-5 PROTEC-SFC05-5_07 Datasheet
94Kb / 6P
   FLIP CHIP ARRAY
SFC05-5 PROTEC-SFC05-5 Datasheet
239Kb / 5P
   FLIP CHIP ARRAY
P0402FC PROTEC-P0402FC Datasheet
106Kb / 5P
   FLIP CHIP ARRAY
P0404FC33C PROTEC-P0404FC33C Datasheet
117Kb / 6P
   FLIP CHIP ARRAY
P0406FC33C PROTEC-P0406FC33C Datasheet
120Kb / 6P
   FLIP CHIP ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C Datasheet
79Kb / 5P
   FLIP CHIP ARRAY
P0402FC33C PROTEC-P0402FC33C Datasheet
106Kb / 5P
   FLIP CHIP ARRAY
U0404FC33C PROTEC-U0404FC33C Datasheet
105Kb / 6P
   UNBUMPED FLIP CHIP ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com