Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM16LC15C Datasheet(PDF) 4 Page - Protek Devices

Part # SM16LC15C
Description  LOW CAPACITANCE TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM16LC15C Datasheet(HTML) 4 Page - Protek Devices

  SM16LC15C Datasheet HTML 1Page - Protek Devices SM16LC15C Datasheet HTML 2Page - Protek Devices SM16LC15C Datasheet HTML 3Page - Protek Devices SM16LC15C Datasheet HTML 4Page - Protek Devices SM16LC15C Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.protekdevices.com
05051.R10 4/05
SM16LC03
thru
SM16LC36C
APPLICATION NOTE
The SM16LC & SM16LCxxC Series are TVS arrays designed to protect I/O or data lines from the damaging effects of ESD, EFT and other types of
surges. This product series provides both unidiretional and bidirectional protection, with a surge capability of 500 Watts P
PP per line for an 8/20µs
waveform and ESD protection > 40kV.
BIDIRECTIONAL COMMON-MODE CONFIGURATION (Figure 1)
Ideal for RS-485 applications, the SM16LCxxC Series provides up to eight (8) lines of protection in a common-mode configuration as depicted in
Figure 1. This low capacitance series allows the transceiver or telecommunications circuit to operate safely without significant signal distortion.
Circuit connectivity is as follows:
Lines 1 is connected to Pin 9.
Line 2 is connected to Pin 10.
Line 3 is connected to Pin 11.
Line 4 is connected to Pin 12.
Line 5 is connected to Pin 13.
Line 6 is connected to Pin 14.
Line 7 is connected to Pin 15.
Line 8 is connected to Pin 16.
Pins 1-8 are connected to ground.
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic Compatibil-
ity (EMC) protection. The following guidelines are recom-
mended:
The protection device should be placed near the input
terminals or connectors, the device will divert the
transient current immediately before it can be coupled
into the nearby traces.
The path length between the TVS device and the
protected line should be minimized.
All conductive loops including power and ground loops
should be minimized.
The transient current return path to ground should be
kept as short as possible to reduce parasitic inductance.
Ground planes should be used whenever possible. For
multilayer PCBs, use ground vias.
Figure 1. Birectional Common-Mode Protection
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
TRANSCEIVER
D
D
R
R
LINE 1
LINE 2
LINE 3
LINE 4
LINE 5
LINE 6
LINE 7
LINE 8


Similar Part No. - SM16LC15C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM16LC15C MICROSEMI-SM16LC15C Datasheet
104Kb / 2P
   TVSarray Series
logo
Protek Devices
SM16LC15C PROTEC-SM16LC15C Datasheet
887Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRY
SM16LC15C PROTEC-SM16LC15C Datasheet
889Kb / 9P
   500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
logo
Microsemi Corporation
SM16LC15C-6 MICROSEMI-SM16LC15C-6 Datasheet
167Kb / 2P
   TVSarray Series
More results

Similar Description - SM16LC15C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com