Electronic Components Datasheet Search |
|
COP8SGR5DWF7 Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
COP8SGR5DWF7 Datasheet(HTML) 1 Page - National Semiconductor (TI) |
1 / 62 page COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART General Description The COP8SG Family ROM and OTP based microcontrollers are highly integrated COP8™ Feature core devices with 8k to 32k memory and advanced features including Analog comparators, and zero external components. These single- chip CMOS devices are suited for more complex applica- tions requiring a full featured controller with larger memory, low EMI, two comparators, and a full-duplex USART. COP8SGx7 devices are 100% form-fit-function compatible OTP (One Time Programmable) versions for use in produc- tion or development of the COP8SGx5 ROM. Erasable windowed versions (Q3) are available for use with a range of COP8 software and hardware development tools. Family features include an 8-bit memory mapped architec- ture, 15 MHz CKI with 0.67 µs instruction cycle, 14 inter- rupts, three multi-function 16-bit timer/counters with PWM, full duplex USART, MICROWIRE/PLUS™, two analog com- parators, two power saving HALT/IDLE modes, MIWU, idle timer, on-chip R/C oscillator, high current outputs, user se- lectable options (WATCHDOG™, 4 clock/oscillator modes, power-on-reset), 2.7V to 5.5V operation, program code se- curity, and 28/40/44 pin packages. Devices included in this datasheet are: Device Memory (bytes) RAM (bytes) I/O Pins Packages Temperature COP8SGE5 8k ROM 256 24/36/40 28 DIP/SOIC, 40 DIP, 44 PLCC/QFP/CSP -40 to +85˚C, -40 to +125˚C COP8SGG5 16k ROM 512 24/36/40 28 DIP/SOIC, 40 DIP, 44 PLCC/QFP/CSP -40 to +85˚C, -40 to +125˚C COP8SGH5 20k ROM 512 24/36/40 28 DIP/SOIC, 40 DIP, 44 PLCC/QFP/CSP -40 to +85˚C, -40 to +125˚C COP8SGK5 24k ROM 512 24/36/40 28 DIP/SOIC, 40 DIP, 44 PLCC/QFP/CSP -40 to +85˚C, -40 to +125˚C COP8SGR5 32k ROM 512 24/36/40 28 DIP/SOIC, 40 DIP, 44 PLCC/QFP/CSP -40 to +85˚C, -40 to +125˚C COP8SGE7 8k OTP EPROM 256 24/36/40 28 DIP/SOIC, 40 DIP, 44 PLCC/QFP/CSP -40 to +85˚C, -40 to +125˚C COP8SGR7 32k OTP EPROM 512 24/36/40 28 DIP/SOIC, 40 DIP, 44 PLCC/QFP/CSP -40 to +85˚C, -40 to +125˚C COP8SGR7-Q3 32k EPROM 512 24/36/40 28 DIP, 40 DIP, 44 PLCC Room Temp. Key Features n Low cost 8-bit microcontroller n Quiet Design (low radiated emissions) n Multi-Input Wakeup pins with optional interrupts (8 pins) n Mask selectable clock options — Crystal oscillator — Crystal oscillator option with on-chip bias resistor — External oscillator — Internal R/C oscillator n Internal Power-On-Reset — user selectable n WATCHDOG and Clock Monitor Logic — user selectable n Eight high current outputs n 256 or 512 bytes on-board RAM n 8k to 32k ROM or OTP EPROM with security feature CPU Features n Versatile easy to use instruction set n 0.67 µs instruction cycle time n Fourteen multi-source vectored interrupts servicing — External interrupt / Timers T0 — T3 — MICROWIRE/PLUS Serial Interface — Multi-Input Wake Up — Software Trap — USART (2; 1 receive and 1 transmit) — Default VIS (default interrupt) n 8-bit Stack Pointer SP (stack in RAM) n Two 8-bit Register Indirect Data Memory Pointers n True bit manipulation n BCD arithmetic instructions Peripheral Features n Multi-Input Wakeup Logic n Three 16-bit timers (T1 — T3), each with two 16-bit registers supporting: — Processor Independent PWM mode — External Event Counter mode — Input Capture mode COP8™ is a trademark of National Semiconductor Corporation. October 2001 © 2001 National Semiconductor Corporation DS101317 www.national.com |
Similar Part No. - COP8SGR5DWF7 |
|
Similar Description - COP8SGR5DWF7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |