Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6418BM16X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FMS6418BM16X
Description  Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6418BM16X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FMS6418BM16X Datasheet HTML 2Page - Fairchild Semiconductor FMS6418BM16X Datasheet HTML 3Page - Fairchild Semiconductor FMS6418BM16X Datasheet HTML 4Page - Fairchild Semiconductor FMS6418BM16X Datasheet HTML 5Page - Fairchild Semiconductor FMS6418BM16X Datasheet HTML 6Page - Fairchild Semiconductor FMS6418BM16X Datasheet HTML 7Page - Fairchild Semiconductor FMS6418BM16X Datasheet HTML 8Page - Fairchild Semiconductor FMS6418BM16X Datasheet HTML 9Page - Fairchild Semiconductor FMS6418BM16X Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
FMS6418B Rev. 5G
High Definition Typical Performance Characteristics
(TC = 25°C, Vi = 1Vpp; VCCA = 3.3V, VCCO = 5.0V, FSEL = 1, all inputs DC coupled, all outputs AC coupled with
220µF into 150Ω, referenced to 400kHz; unless otherwise noted)
Figure 7. HD Frequency Response
Figure 8. HD Gain Flatness
Figure 9. Group Delay vs. Frequency
-0.50
-0.40
-0.30
-0.20
-0.10
0
0.50
05
10
15
20
25
30
Frequency (MHz)
0.40
0.10
0.20
0.30
-50
10
400kHz 10
20
30
40
50
60
70
80
Frequency (MHz)
-40
-30
-20
-10
0
2
1
3
Mkr Frequency
Gain
Ref
400kHz
6dB
1
28.5MHz
-1dB BW
2
32.5MHz
-3dB BW
3
74.25MHz
-35.3dB
f
SBHD = Gain(ref) – Gain(3) = -41.3dB
1 = 32MHz (5.957ns)
-15
-10
-5
0
5
15
400kHz 10
20
30
50
60
70
40
80
Frequency (MHz)
10
1


Similar Part No. - FMS6418BM16X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6418 FAIRCHILD-FMS6418 Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
FMS6418AM16 FAIRCHILD-FMS6418AM16 Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
FMS6418AM16X FAIRCHILD-FMS6418AM16X Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
FMS6418AMTC14 FAIRCHILD-FMS6418AMTC14 Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
More results

Similar Description - FMS6418BM16X

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6403 FAIRCHILD-FMS6403_08 Datasheet
676Kb / 14P
   Triple Video Drivers with Selectable HD/PS/SD Bypass Filters for RGB and YPbPr Signals
FMS6403 FAIRCHILD-FMS6403 Datasheet
426Kb / 1P
   Triple Video Drivers w/Selectable HD/Progressive/SD/ Bypass Filters for RGB and YPbPr Signals
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566 Datasheet
220Kb / 13P
   Six-Channel Video Driver with Triple SD & Triple Selectable SD/HD Filters
September, 2009 ??Rev. 2
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
   Triple Video Filter Driver for RGB and YUV Signals
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6408 FAIRCHILD-FMS6408_07 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com