Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2502 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FPF2502
Description  IntelliMAXTM Advanced Load Management Products
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2502 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FPF2502 Datasheet HTML 1Page - Fairchild Semiconductor FPF2502 Datasheet HTML 2Page - Fairchild Semiconductor FPF2502 Datasheet HTML 3Page - Fairchild Semiconductor FPF2502 Datasheet HTML 4Page - Fairchild Semiconductor FPF2502 Datasheet HTML 5Page - Fairchild Semiconductor FPF2502 Datasheet HTML 6Page - Fairchild Semiconductor FPF2502 Datasheet HTML 7Page - Fairchild Semiconductor FPF2502 Datasheet HTML 8Page - Fairchild Semiconductor FPF2502 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.fairchildsemi.com
FPF2500-FPF2506 Rev. C4
Electrical Characteristics Cont.
VIN = 4.5 to 20V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 12V and TA = 25°C.
Note 1: Package power dissipation on 1square inch pad, 2 oz copper board.
Note 2: Applicable only to FPF2501. Latchoff current does not include current flowing into FLAGB.
Parameter
Symbol
Conditions
Min.
Typ.
Max
Units
Protections
Current Limit
ILIM
TA=25 °C
FPF2503
FPF2504
400
600
800
mA
FPF2505
FPF2506
800
1200
1600
FPF2500
FPF2501
FPF2502
0.7xINOM 1.0xINOM 1.3xINOM
Thermal Shutdown
TJ Increasing
140
°C
TJ Decreasing
130
°C
Under Voltage Shutdown
UVLO
VIN Increasing
3.75
3.85
4.00
V
Under Voltage Shutdown Hysteresis
100
mV
Dynamic
Turn on time
tON
RL=500Ω, CL=1uF
1
ms
Turn off time
tOFF
RL=500Ω, CL=1uF
0.1
ms
VOUT Rise Time
tR
RL=500Ω, CL=1uF
3
ms
VOUT Fall Time
tF
RL=500Ω, CL=1uF
1.5
ms
Over Current Blanking Time
tBLANK
FPF2500,
FPF2501,
FPF2503,
FPF2505
2.5
5
10
ms
Auto-Restart Time
tRESTART
FPF2500, FPF2503, FPF2505
320
640
1280
ms
Short Circuit Response Time
VIN = 12V , VON = 5V
Moderate Overcurrent Condition
3
µ
s


Similar Part No. - FPF2502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2502 FAIRCHILD-FPF2502 Datasheet
552Kb / 13P
   IntelliMAX??Advanced Load Management Products
More results

Similar Description - FPF2502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1005 FAIRCHILD-FPF1005 Datasheet
279Kb / 9P
   IntelliMAXTM Advanced Load Management Products
FPF1005_0612 FAIRCHILD-FPF1005_0612 Datasheet
361Kb / 9P
   IntelliMAXTM Advanced Load Management Products
FPF1005 FAIRCHILD-FPF1005_07 Datasheet
528Kb / 9P
   IntelliMAXTM Advanced Load Management Products
logo
ON Semiconductor
FPF1005 ONSEMI-FPF1005 Datasheet
622Kb / 9P
   Advanced Load Management Products
October-2017, Rev. 7
FPF2000 ONSEMI-FPF2000 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
FPF2116 ONSEMI-FPF2116 Datasheet
380Kb / 14P
   Advanced Load Management Products
August 2008 Rev. D
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
   Advanced Load Management Products
October 2008 Rev. F
FPF1003A ONSEMI-FPF1003A Datasheet
1Mb / 13P
   Advanced Load Management Products
August 2012 Rev. 1.0.6
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com