Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2502 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FPF2502
Description  IntelliMAXTM Advanced Load Management Products
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2502 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FPF2502 Datasheet HTML 2Page - Fairchild Semiconductor FPF2502 Datasheet HTML 3Page - Fairchild Semiconductor FPF2502 Datasheet HTML 4Page - Fairchild Semiconductor FPF2502 Datasheet HTML 5Page - Fairchild Semiconductor FPF2502 Datasheet HTML 6Page - Fairchild Semiconductor FPF2502 Datasheet HTML 7Page - Fairchild Semiconductor FPF2502 Datasheet HTML 8Page - Fairchild Semiconductor FPF2502 Datasheet HTML 9Page - Fairchild Semiconductor FPF2502 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
www.fairchildsemi.com
FPF2500-FPF2506 Rev. C4
Typical Characteristics
Figure 7. Current Limit vs. Output Voltage
Figure 8. Current Limit vs. Output Voltage
Figure 9.
Current Limit vs. Temperature
Figure 10. Current Limit vs. Temperature
Figure 11. TON/TOff vs. Temperature
Figure 12. TRISE/TFALL vs. Temperature
0
200
400
600
800
1000
1200
1400
012
3456
789
10
11
12
VIN - VOUT (V)
FPF2505, 2506
FPF2503, 2504
0
200
400
600
800
1000
1200
1400
012
3
456
7
8
9
10
11
12
VIN - VOUT (V)
FPF2500, 2501, 2502
RSET = 20kΩ
0
200
400
600
800
1000
1200
1400
1600
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
FPF2503, 2504
FPF2505, 2506
600
700
800
900
1000
1100
1200
1300
1400
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
FPF2500, 2501, 2502
1
10
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
ILOAD = 10mA
VCC = 12V
T(FALL)
T(RISE)
0.01
0.1
1
10
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
ILOAD = 10mA
VCC = 12V
TD(ON)
TD(OFF)


Similar Part No. - FPF2502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2502 FAIRCHILD-FPF2502 Datasheet
552Kb / 13P
   IntelliMAX??Advanced Load Management Products
More results

Similar Description - FPF2502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1005 FAIRCHILD-FPF1005 Datasheet
279Kb / 9P
   IntelliMAXTM Advanced Load Management Products
FPF1005_0612 FAIRCHILD-FPF1005_0612 Datasheet
361Kb / 9P
   IntelliMAXTM Advanced Load Management Products
FPF1005 FAIRCHILD-FPF1005_07 Datasheet
528Kb / 9P
   IntelliMAXTM Advanced Load Management Products
logo
ON Semiconductor
FPF1005 ONSEMI-FPF1005 Datasheet
622Kb / 9P
   Advanced Load Management Products
October-2017, Rev. 7
FPF2000 ONSEMI-FPF2000 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
FPF2116 ONSEMI-FPF2116 Datasheet
380Kb / 14P
   Advanced Load Management Products
August 2008 Rev. D
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
   Advanced Load Management Products
October 2008 Rev. F
FPF1003A ONSEMI-FPF1003A Datasheet
1Mb / 13P
   Advanced Load Management Products
August 2012 Rev. 1.0.6
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com