Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD817B Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FOD817B
Description  4-Pin Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD817B Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FOD817B Datasheet HTML 2Page - Fairchild Semiconductor FOD817B Datasheet HTML 3Page - Fairchild Semiconductor FOD817B Datasheet HTML 4Page - Fairchild Semiconductor FOD817B Datasheet HTML 5Page - Fairchild Semiconductor FOD817B Datasheet HTML 6Page - Fairchild Semiconductor FOD817B Datasheet HTML 7Page - Fairchild Semiconductor FOD817B Datasheet HTML 8Page - Fairchild Semiconductor FOD817B Datasheet HTML 9Page - Fairchild Semiconductor FOD817B Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.fairchildsemi.com
FOD814 Series, FOD617 Series, FOD817 Series Rev. 1.0.2
Typical Electrical/Optical Characteristic Curves (TA = 25°C Unless otherwise specified.)
AMBIENT TEMPERATURE TA (°C)
Fig. 10 Collector-Emitter Saturation Voltage
vs. Ambient Temperature
-60 -40 -20
0
20 40 60 80 100 120
0.00
0.02
0.04
0.06
0.08
0.10
0.12
I
F
= 20mA
I
C = 1mA
Fig. 11 LED Power Dissipation
vs. Ambient Temperature (FOD814)
AMBIENT TEMPERATURE TA (°C)
-40 -20
0
20
40
60
80 100 120
-55
0
20
40
60
80
100
Fig. 12 LED Power Dissipation
vs. Ambient Temperature (FOD617/817)
AMBIENT TEMPERATURE TA (°C)
-40 -20
0
20
40
60
80 100 120
-55
0
20
40
60
80
100
AMBIENT TEMPERATURE TA (
°C)
Fig. 9 Relative Current Transfer Ratio
vs. Ambient Temperature
-60 -40 -20
0
20 40 60 80 100 120
IF = 1 mA
VCE = 5V
0
20
40
60
80
100
120
140
160
FOD814
IF = 5mA
VCE = 5V
FOD617/817
COLLECTOR-EMITTER VOLTAGE VCE (V)
Fig. 7 Collector Current
vs. Collector-Emitter Voltage (FOD814)
Ta= 25
°C
I = 30m A
Pc (M AX.)
5m A
10m A
1m A
F
20 m A
010 20 30 405060708090 100
0
10
20
30
40
50
COLLECTOR-EMITTER VOLTAGE VCE (V)
Ta = 25
°C
I IF = 30mA
Pc(MAX.)
5m A
10mA
20mA
30
25
20
15
10
5
0
010
20
30
405060708090
Fig. 8 Collector Current vs.
Collector-Emitter Voltage (FOD617/817)


Similar Part No. - FOD817B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817B FAIRCHILD-FOD817B Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD817B FAIRCHILD-FOD817B Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B FAIRCHILD-FOD817B Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B FAIRCHILD-FOD817B Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
logo
ON Semiconductor
FOD817B ONSEMI-FOD817B Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
More results

Similar Description - FOD817B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com