Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD817C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FOD817C
Description  4-Pin Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD817C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FOD817C Datasheet HTML 1Page - Fairchild Semiconductor FOD817C Datasheet HTML 2Page - Fairchild Semiconductor FOD817C Datasheet HTML 3Page - Fairchild Semiconductor FOD817C Datasheet HTML 4Page - Fairchild Semiconductor FOD817C Datasheet HTML 5Page - Fairchild Semiconductor FOD817C Datasheet HTML 6Page - Fairchild Semiconductor FOD817C Datasheet HTML 7Page - Fairchild Semiconductor FOD817C Datasheet HTML 8Page - Fairchild Semiconductor FOD817C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
November 2005
FOD814 Series, FOD617 Series, FOD817 Series Rev. 1.0.2
FOD814 Series, FOD617 Series, FOD817 Series
4-Pin Phototransistor Optocouplers
Features
AC input response (FOD814 only)
Applicable to Pb-free IR reflow soldering
Compact 4-pin package
Current transfer ratio in selected groups:
FOD617A: 40–80%
FOD817: 50–600%
FOD617B: 63–125%
FOD817A:80–160%
FOD617C: 100–200%
FOD817B: 130–260%
FOD617D: 160–320%
FOD817C:200–400%
FOD814: 20–300%
FOD817D:300–600%
FOD814A: 50–150%
C-UL, UL and VDE approved
High input-output isolation voltage of 5000Vrms
Higher operating temperatures (versus FODXXX
counterparts)
Minimum BVCEO of 70V guaranteed
Applications
FOD814 Series
AC line monitor
Unknown polarity DC sensor
Telephone line interface
FOD617 and FOD817 Series
Power supply regulators
Digital logic inputs
Microprocessor inputs
Description
The FOD814 consists of two gallium arsenide infrared
emitting diodes, connected in inverse parallel, driving a
silicon phototransistor output in a 4-pin dual in-line
package. The FOD617/817 Series consists of a gallium
arsenide infrared emitting diode driving a silicon
phototransistor in a 4-pin dual in-line package.
Functional Block Diagram
4
1
1
ANODE, CATHODE
2
4
3
CATHODE, ANODE
COLLECTOR
EMITTER
1
2
4
3 EMITTER
COLLECTOR
ANODE
CATHODE
FOD814
FOD617/817


Similar Part No. - FOD817C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817C FAIRCHILD-FOD817C Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD817C FAIRCHILD-FOD817C Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817C FAIRCHILD-FOD817C Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817C FAIRCHILD-FOD817C Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
logo
ON Semiconductor
FOD817C ONSEMI-FOD817C Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
More results

Similar Description - FOD817C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com