Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52H-C6V2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BZT52H-C6V2
Description  Single Zener diodes in a SOD123F package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZT52H-C6V2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BZT52H-C6V2 Datasheet HTML 2Page - NXP Semiconductors BZT52H-C6V2 Datasheet HTML 3Page - NXP Semiconductors BZT52H-C6V2 Datasheet HTML 4Page - NXP Semiconductors BZT52H-C6V2 Datasheet HTML 5Page - NXP Semiconductors BZT52H-C6V2 Datasheet HTML 6Page - NXP Semiconductors BZT52H-C6V2 Datasheet HTML 7Page - NXP Semiconductors BZT52H-C6V2 Datasheet HTML 8Page - NXP Semiconductors BZT52H-C6V2 Datasheet HTML 9Page - NXP Semiconductors BZT52H-C6V2 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
9397 750 15082
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 22 December 2005
6 of 10
Philips Semiconductors
BZT52H series
Single Zener diodes in a SOD123F package
(1) Tj =25 °C (prior to surge)
(2) Tj = 150 °C (prior to surge)
Tj =25 °C
Fig 1.
Non-repetitive peak reverse power dissipation
as a function of pulse duration; maximum
values
Fig 2.
Forward current as a function of forward
voltage; typical values
BZT52H-C2V4 to BZT52H-C4V3
Tj =25 °C to 150 °C
BZT52H-C4V7 to BZT52H-C12
Tj =25 °C to 150 °C
Fig 3.
Temperature coefficient as a function of
working current; typical values
Fig 4.
Temperature coefficient as a function of
working current; typical values
mbg801
103
1
tp (ms)
PZSM
(W)
10
102
10−1
10
1
(1)
(2)
VF (V)
0.6
1
0.8
mbg781
100
200
300
IF
(mA)
0
060
0
−2
−3
−1
mbg783
20
40
IZ (mA)
SZ
(mV/K)
4V3
3V9
3V6
3V0
2V4
2V7
3V3
020
16
10
0
−5
5
mbg782
48
12
IZ (mA)
SZ
(mV/K)
4V7
12
11
10
9V1
8V2
7V5
6V8
6V2
5V6
5V1


Similar Part No. - BZT52H-C6V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H-C6V2 PHILIPS-BZT52H-C6V2 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C6V2 PHILIPS-BZT52H-C6V2 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
BZT52H-C6V2 NEXPERIA-BZT52H-C6V2 Datasheet
333Kb / 14P
   Voltage regulator diodes
Rev. 7 - 1 January 2023
BZT52H-C6V2-Q NEXPERIA-BZT52H-C6V2-Q Datasheet
314Kb / 14P
   Voltage regulator diodes
Rev. 1 - 4 October 2021
More results

Similar Description - BZT52H-C6V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
   Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com