Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52H-C6V8 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BZT52H-C6V8
Description  Single Zener diodes in a SOD123F package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZT52H-C6V8 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BZT52H-C6V8 Datasheet HTML 2Page - NXP Semiconductors BZT52H-C6V8 Datasheet HTML 3Page - NXP Semiconductors BZT52H-C6V8 Datasheet HTML 4Page - NXP Semiconductors BZT52H-C6V8 Datasheet HTML 5Page - NXP Semiconductors BZT52H-C6V8 Datasheet HTML 6Page - NXP Semiconductors BZT52H-C6V8 Datasheet HTML 7Page - NXP Semiconductors BZT52H-C6V8 Datasheet HTML 8Page - NXP Semiconductors BZT52H-C6V8 Datasheet HTML 9Page - NXP Semiconductors BZT52H-C6V8 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
9397 750 15082
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 22 December 2005
7 of 10
Philips Semiconductors
BZT52H series
Single Zener diodes in a SOD123F package
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 16.
10. Soldering
Fig 5.
Package outline SOD123F
04-11-29
Dimensions in mm
1.2
1.0
0.25
0.10
3.6
3.4
2.7
2.5
0.55
0.35
0.70
0.55
1.7
1.5
1
2
Table 11:
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code. [1]
Type number
Package
Description
Packing quantity
3000
10000
BZT52H-C2V4 to
BZT52H-C75
SOD123F
4 mm pitch, 8 mm tape and reel
-115
-135
Reflow soldering is the only recommended soldering method.
Dimensions in mm
Fig 6.
Reflow soldering footprint SOD123F
1.6
1.6
2.9
4
4.4
1.1 1.2
2.1
1.1
(2
×)
solder lands
solder resist
occupied area
solder paste


Similar Part No. - BZT52H-C6V8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H-C6V8 PHILIPS-BZT52H-C6V8 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C6V8 PHILIPS-BZT52H-C6V8 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
BZT52H-C6V8 NEXPERIA-BZT52H-C6V8 Datasheet
333Kb / 14P
   Voltage regulator diodes
Rev. 7 - 1 January 2023
BZT52H-C6V8-Q NEXPERIA-BZT52H-C6V8-Q Datasheet
314Kb / 14P
   Voltage regulator diodes
Rev. 1 - 4 October 2021
More results

Similar Description - BZT52H-C6V8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
   Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com