Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3012M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MOC3012M
Description  6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3012M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MOC3012M Datasheet HTML 1Page - Fairchild Semiconductor MOC3012M Datasheet HTML 2Page - Fairchild Semiconductor MOC3012M Datasheet HTML 3Page - Fairchild Semiconductor MOC3012M Datasheet HTML 4Page - Fairchild Semiconductor MOC3012M Datasheet HTML 5Page - Fairchild Semiconductor MOC3012M Datasheet HTML 6Page - Fairchild Semiconductor MOC3012M Datasheet HTML 7Page - Fairchild Semiconductor MOC3012M Datasheet HTML 8Page - Fairchild Semiconductor MOC3012M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
6/15/05
Page 4 of 10
© 2005 Fairchild Semiconductor Corporation
6-PIN DIP RANDOM-PHASE
OPTOISOLATORS TRIAC DRIVER OUTPUT
(250/400 VOLT PEAK)
MOC3010M MOC3011M
MOC3012M
MOC3020M
MOC3021M
MOC3022M
MOC3023M
AMBIENT TEMPERATURE - T
A (
oC)
-40
-20
0
20
40
60
80
100
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
I
F - LED FORWARD CURRENT (mA)
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
T
A = -55
oC
T
A = 25
oC
T
A = 100
oC
ON-STATE VOLTAGE - V
TM (V)
-3
-2
-1
0
1
2
3
-800
-600
-400
-200
0
200
400
600
800
TA, AMBIENT TEMPERATURE (
oC)
-40
-20
0
20
40
60
80
100
0.1
1
10
100
1000
10000
NORMALIZED TO T A = 25∞C
Fig. 1 LED Forward Voltage vs. Forward Current
Fig. 3 Trigger Current vs. Ambient Temperature
LED TRIGGER WIDTH - PWin (µs)
12
5
10
2050
100
0
5
10
15
20
25
NORMALIZED TO:
PWin ≥ 100 µs
Fig. 4 LED Current Required to Trigger vs. LED Pulse Width
Fig. 6 Leakage Current, IDRM vs. Temperature
Fig. 2 On-State Characteristics
Ambient Temperature - T
A (
oC)
25
30
40
60
50
70
80
90
100
0
2
4
6
8
10
12
STATIC dv/dt
CIRCUIT IN FIGURE 5
Fig. 5 dv/dt vs. Temperature


Similar Part No. - MOC3012M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3012M FAIRCHILD-MOC3012M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3012M FAIRCHILD-MOC3012M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3012M FAIRCHILD-MOC3012M Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3012M FAIRCHILD-MOC3012M Datasheet
527Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
logo
ON Semiconductor
MOC3012M ONSEMI-MOC3012M Datasheet
348Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler
May, 2018 ??Rev. 1
More results

Similar Description - MOC3012M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3022-M FAIRCHILD-MOC3022-M Datasheet
527Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010 FAIRCHILD-MOC3010 Datasheet
185Kb / 7P
   6-Pin DIP Random-Phoase Optoisolators Triac Driver Output (250 Volts Peak)
2000
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M_V01 Datasheet
333Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler (250/400 V Peak)
June, 2023 - Rev. 3
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com