Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52H-C10 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BZT52H-C10
Description  Single Zener diodes in a SOD123F package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZT52H-C10 Datasheet(HTML) 1 Page - NXP Semiconductors

  BZT52H-C10 Datasheet HTML 1Page - NXP Semiconductors BZT52H-C10 Datasheet HTML 2Page - NXP Semiconductors BZT52H-C10 Datasheet HTML 3Page - NXP Semiconductors BZT52H-C10 Datasheet HTML 4Page - NXP Semiconductors BZT52H-C10 Datasheet HTML 5Page - NXP Semiconductors BZT52H-C10 Datasheet HTML 6Page - NXP Semiconductors BZT52H-C10 Datasheet HTML 7Page - NXP Semiconductors BZT52H-C10 Datasheet HTML 8Page - NXP Semiconductors BZT52H-C10 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
General-purpose Zener diodes in a SOD123F small and flat lead Surface Mounted Device
(SMD) plastic package.
1.2 Features
1.3 Applications
s General regulation functions
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
BZT52H series
Single Zener diodes in a SOD123F package
Rev. 01 — 22 December 2005
Product data sheet
s Total power dissipation:
≤ 830 mW
s Small plastic package suitable for
surface mounted design
s Wide working voltage range: nominal
2.4 V to 75 V (E24 range)
s Low differential resistance
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF =10mA
[1] -
-
0.9
V
Ptot
total power dissipation
Tamb ≤ 25 °C
[2] -
-
375
mW
[3] -
-
830
mW


Similar Part No. - BZT52H-C10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H-C10 PHILIPS-BZT52H-C10 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C10 PHILIPS-BZT52H-C10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
BZT52H-C10 NEXPERIA-BZT52H-C10 Datasheet
333Kb / 14P
   Voltage regulator diodes
Rev. 7 - 1 January 2023
BZT52H-C10-Q NEXPERIA-BZT52H-C10-Q Datasheet
314Kb / 14P
   Voltage regulator diodes
Rev. 1 - 4 October 2021
More results

Similar Description - BZT52H-C10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
   Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com