Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMA420NZ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDMA420NZ
Description  Single N-Channel 2.5V Specified PowerTrench MOSFET 20V, 5.7A, 30m Ohm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA420NZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDMA420NZ Datasheet HTML 1Page - Fairchild Semiconductor FDMA420NZ Datasheet HTML 2Page - Fairchild Semiconductor FDMA420NZ Datasheet HTML 3Page - Fairchild Semiconductor FDMA420NZ Datasheet HTML 4Page - Fairchild Semiconductor FDMA420NZ Datasheet HTML 5Page - Fairchild Semiconductor FDMA420NZ Datasheet HTML 6Page - Fairchild Semiconductor FDMA420NZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image


Similar Part No. - FDMA420NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA420NZ FAIRCHILD-FDMA420NZ Datasheet
304Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench MOSFET 20V, 5.7A, 30m?
FDMA420NZ FAIRCHILD-FDMA420NZ Datasheet
1Mb / 7P
   Single N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 5.7A, 30m廓
FDMA420NZ_0609 FAIRCHILD-FDMA420NZ_0609 Datasheet
304Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench MOSFET 20V, 5.7A, 30m?
FDMA420NZ FAIRCHILD-FDMA420NZ_08 Datasheet
1Mb / 7P
   Single N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 5.7A, 30m廓
More results

Similar Description - FDMA420NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA420NZ_0609 FAIRCHILD-FDMA420NZ_0609 Datasheet
304Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench MOSFET 20V, 5.7A, 30m?
FDMA420NZ FAIRCHILD-FDMA420NZ_08 Datasheet
1Mb / 7P
   Single N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 5.7A, 30m廓
SI3446DV FAIRCHILD-SI3446DV Datasheet
93Kb / 5P
   Single N-Channel, 2.5V Specified PowerTrench MOSFET
SI4466DY FAIRCHILD-SI4466DY Datasheet
80Kb / 5P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY300NZ FAIRCHILD-FDY300NZ Datasheet
182Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDMA430NZ FAIRCHILD-FDMA430NZ Datasheet
638Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY300NZ FAIRCHILD-FDY300NZ_07 Datasheet
270Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY301NZ FAIRCHILD-FDY301NZ Datasheet
191Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDS6570A FAIRCHILD-FDS6570A Datasheet
201Kb / 8P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com