Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM636165VE-55 Datasheet(PDF) 11 Page - Etron Technology, Inc.

Part # EM636165VE-55
Description  1Mega x 16 Synchronous DRAM (SDRAM)
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM636165VE-55 Datasheet(HTML) 11 Page - Etron Technology, Inc.

Back Button EM636165VE-55 Datasheet HTML 7Page - Etron Technology, Inc. EM636165VE-55 Datasheet HTML 8Page - Etron Technology, Inc. EM636165VE-55 Datasheet HTML 9Page - Etron Technology, Inc. EM636165VE-55 Datasheet HTML 10Page - Etron Technology, Inc. EM636165VE-55 Datasheet HTML 11Page - Etron Technology, Inc. EM636165VE-55 Datasheet HTML 12Page - Etron Technology, Inc. EM636165VE-55 Datasheet HTML 13Page - Etron Technology, Inc. EM636165VE-55 Datasheet HTML 14Page - Etron Technology, Inc. EM636165VE-55 Datasheet HTML 15Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
EtronTech
1M x 16 SDRAM
EM636165
Preliminary
11
Rev. 1.8
Nov 2001
6
Write and AutoPrecharge command (refer to the following figure)
(RAS# = "H", CAS# = "L", WE# = "L", A11 = “V”, A10 = "H", A0-A7 = Column Address)
The Write and AutoPrecharge command performs the precharge operation automatically after
the write operation. Once this command is given, any subsequent command can not occur within a
time delay of {(burst length -1) + tWR + tRP(min.)}. At full-page burst, only the write operation is
performed in this command and the auto precharge function is ignored.
CLK
COM M AND
T0
T1
T2T3
T4T5
T6T7
T8
NOP
NOP
NOP
NOP
NOP
NOP
NOP
DIN A0
DIN A1
CAS# latency=1
tCK1, DQ's
CAS# latency=2
tCK2, DQ's
CAS# latency=3
tCK3, DQ's
DIN A0
DIN A1
DIN A0
DIN A1
tDAL
*
*
*
tDAL= tWR + tRP
* Begin AutoPrecharge
Bank can be reactivated at completion of
tDAL
Bank A
Activate
Write A
AutoPrecharge
tDAL
tDAL
Burst Write with Auto-Precharge (Burst Length = 2, CAS# Latency = 1, 2, 3)
7
Mode Register Set command
(RAS# = "L", CAS# = "L", WE# = "L", A11 = “V”, A10 = “V”, A0-A9 = Register Data)
The mode register stores the data for controlling the various operating modes of SDRAM. The
Mode Register Set command programs the values of CAS# latency, Addressing Mode and Burst
Length in the Mode register to make SDRAM useful for a variety of different applications. The default
values of the Mode Register after power-up are undefined; therefore this command must be issued
at the power-up sequence. The state of pins A0~A9 and A11 in the same cycle is the data written to
the mode register. One clock cycle is required to complete the write in the mode register (refer to the
following figure). The contents of the mode register can be changed using the same command and
the clock cycle requirements during operation as long as both banks are in the idle state.


Similar Part No. - EM636165VE-55

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM636165 ETRON-EM636165 Datasheet
791Kb / 75P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM636165-XXI ETRON-EM636165-XXI Datasheet
757Kb / 73P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM636165TS ETRON-EM636165TS Datasheet
489Kb / 52P
   1M x 16 bit Synchronous DRAM (SDRAM)
EM636165TS-10I/10IG ETRON-EM636165TS-10I/10IG Datasheet
757Kb / 73P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM636165TS-6I/6IG ETRON-EM636165TS-6I/6IG Datasheet
757Kb / 73P
   1Mega x 16 Synchronous DRAM (SDRAM)
More results

Similar Description - EM636165VE-55

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM636165-XXI ETRON-EM636165-XXI Datasheet
757Kb / 73P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM636165 ETRON-EM636165_06 Datasheet
791Kb / 75P
   1Mega x 16 Synchronous DRAM (SDRAM)
EM639165 ETRON-EM639165_07 Datasheet
1Mb / 73P
   8Mega x 16 Synchronous DRAM (SDRAM)
EM638165 ETRON-EM638165 Datasheet
1Mb / 71P
   4Mega x 16 Synchronous DRAM (SDRAM)
EM63A165 ETRON-EM63A165 Datasheet
1Mb / 73P
   16Mega x 16 Synchronous DRAM (SDRAM)
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM6A9160 ETRON-EM6A9160 Datasheet
275Kb / 29P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM63A165TS-5IG ETRON-EM63A165TS-5IG Datasheet
565Kb / 53P
   16M x 16 bit Synchronous DRAM (SDRAM)
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com