Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF12N35 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDPF12N35
Description  350V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF12N35 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDPF12N35 Datasheet HTML 1Page - Fairchild Semiconductor FDPF12N35 Datasheet HTML 2Page - Fairchild Semiconductor FDPF12N35 Datasheet HTML 3Page - Fairchild Semiconductor FDPF12N35 Datasheet HTML 4Page - Fairchild Semiconductor FDPF12N35 Datasheet HTML 5Page - Fairchild Semiconductor FDPF12N35 Datasheet HTML 6Page - Fairchild Semiconductor FDPF12N35 Datasheet HTML 7Page - Fairchild Semiconductor FDPF12N35 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDPF12N35 Rev. A
UniFET
TM
February 2006
FDPF12N35
350V N-Channel MOSFET
Features
• 7.5A, 350V, RDS(on) = 0.38Ω @VGS = 10 V
• Low gate charge ( typical 18 nC)
•Low Crss ( typical 15 pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect transis-
tors are produced using Fairchild’s proprietary, planar stripe,
DMOS technology.
This advanced technology has been especially tailored to mini-
mize on-state resistance, provide superior switching perfor-
mance, and withstand high energy pulse in the avalanche and
commutation mode. These devices are well suited for high effi-
cient switched mode power supplies and active power factor
correction.
Absolute Maximum Ratings
Thermal Characteristics
S
D
G
TO-220F
FDPF Series
G
S
D
Symbol
Parameter
FDPF12N35
Unit
VDSS
Drain-Source Voltage
350
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
7.5
4.5
A
A
IDM
Drain Current
- Pulsed
(Note 1)
30
A
VGSS
Gate-Source voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
335
mJ
IAR
Avalanche Current
(Note 1)
7.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
5mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
50
0.35
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
Min.
Max.
Unit
RθJC
Thermal Resistance, Junction-to-Case
--
2.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
62.5
°C/W


Similar Part No. - FDPF12N35

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF12N35 FAIRCHILD-FDPF12N35 Datasheet
464Kb / 10P
   350V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDPF12N35 ISC-FDPF12N35 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF12N35

ManufacturerPart #DatasheetDescription
logo
Shenzhen Meipusen Semic...
SLP11N35UZ MAPLESMI-SLP11N35UZ Datasheet
323Kb / 7P
   350V N-Channel MOSFET
logo
Fairchild Semiconductor
FDP12N35 FAIRCHILD-FDP12N35 Datasheet
464Kb / 10P
   350V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLD11N35UZ MAPLESMI-SLD11N35UZ Datasheet
961Kb / 6P
   350V N-Channel MOSFET
SLP13N35UZ MAPLESMI-SLP13N35UZ Datasheet
421Kb / 7P
   350V N-Channel MOSFET
logo
KIA Semiconductor Techn...
6035A KIA-6035A Datasheet
257Kb / 5P
   11A, 350V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
   N-Channel Power MOSFETs, 15A, 350V/400V
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
   N-Channel Power MOSFETs, 5.5A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 15A, 350V/400V
logo
Intersil Corporation
HGTP20N35G3VL INTERSIL-HGTP20N35G3VL Datasheet
106Kb / 6P
   20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
April 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com