Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6692A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS6692A
Description  N-Channel PowerTrench MOSFET 30V, 9A, 11.5mOhm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6692A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS6692A Datasheet HTML 1Page - Fairchild Semiconductor FDS6692A Datasheet HTML 2Page - Fairchild Semiconductor FDS6692A Datasheet HTML 3Page - Fairchild Semiconductor FDS6692A Datasheet HTML 4Page - Fairchild Semiconductor FDS6692A Datasheet HTML 5Page - Fairchild Semiconductor FDS6692A Datasheet HTML 6Page - Fairchild Semiconductor FDS6692A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
December 2005
©2005 Fairchild Semiconductor Corporation
FDS6692A Rev. A1
www.fairchildsemi.com
1
FDS6692A
N-Channel PowerTrench® MOSFET
30V, 9A, 11.5m
Features
RDS(ON) = 11.5mΩ, VGS = 10V, ID = 9A
RDS(ON) = 14.5mΩ, VGS = 4.5V, ID = 8.2A
High performance trench technology for extremely low
RDS(ON)
Low gate charge
High power and current handling capability
RoHS Compliant
Applications
DC/DC converters
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency of DC/DC converters using
either synchronous or conventional switching PWM
controllers. It has been optimized for low gate charge, low
RDS(ON) and fast switching speed.
1
7
5
2
8
4
6
3
S
D
S
S
SO-8
D
D
D
G


Similar Part No. - FDS6692A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6692A FAIRCHILD-FDS6692A_10 Datasheet
464Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 9A, 11.5m廓
More results

Similar Description - FDS6692A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC733616 E-CMOS-EC733616 Datasheet
589Kb / 6P
   30V,9A,N-Channel MOSFET
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com