Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS8984 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDS8984
Description  N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8984 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDS8984 Datasheet HTML 1Page - Fairchild Semiconductor FDS8984 Datasheet HTML 2Page - Fairchild Semiconductor FDS8984 Datasheet HTML 3Page - Fairchild Semiconductor FDS8984 Datasheet HTML 4Page - Fairchild Semiconductor FDS8984 Datasheet HTML 5Page - Fairchild Semiconductor FDS8984 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FDS8984 Rev. A
www.fairchildsemi.com
5
Figure 13.
Transient Thermal Response Curve
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1E-4
1E-3
0.01
0.1
1
DUTY CYCLE - DESCENDING ORDER
t, RECTANGULAR PULSE DURATION(s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
Typical Characteristics T
J = 25°C unless otherwise noted


Similar Part No. - FDS8984

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8984 FAIRCHILD-FDS8984 Datasheet
378Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDS8984 FAIRCHILD-FDS8984 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDS8984 UMW-FDS8984 Datasheet
640Kb / 7P
   30V Dual N-Channel MOSFET
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
More results

Similar Description - FDS8984

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFS6N548 FAIRCHILD-FDFS6N548 Datasheet
433Kb / 7P
   Integrated N-Channel PowerTrench MOSFET and Schottky Diode 30V, 7A, 23mohm
FDS8884 FAIRCHILD-FDS8884 Datasheet
309Kb / 6P
   N-Channel PowerTrench MOSFET 30V, 8.5A, 23mOhm
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com