Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFCT-5905E Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HFCT-5905E
Description  Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5905E Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HFCT-5905E Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFCT-5905E Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFCT-5905E Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5905E Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5905E Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5905E Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5905E Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5905E Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFCT-5905E Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Regulatory Compliance
Feature
Test Method
Targeted Performance
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883C
Method 3015.4
Meets Class 1 (2000 Volts).
Electrostatic Discharge
(ESD) to the Duplex MT-RJ
Receptacle
Variation of IEC 801-2
Products of this type, typically, withstand at least
25 kV without damage when the Duplex MT-RJ
Connector Receptacle is contacted by a Human
Body Model probe.
Electromagnetic
Interference (EMI)
FCC Class B
CENELEC EN55022 Class B
(CISPR 22A)
VCCI Class 1
Transceivers typically provide 12 dB margin to the
noted standard limits when tested at a certified test
range with the transceiver mounted to a circuit card
without a chassis enclosure.
Three transceivers typically provide 20 dB of margin
in a ’perfect’ closed box with the recommended port
openings.
Immunity
Variation of IEC 801-3
Typically show no measurable effect from a 10 V/m
field swept from 10 to 450 MHz applied to the
transceiver when mounted to a circuit card without a
chassis enclosure.
Eye Safety
FDA CDRH 21-CFR 1040
Class 1
Compliant per Agilent testing under normal operating
conditions.
Accession Number: 9521220-20.
IEC 825 Issue 1 1993:11
Class 1
CENELEC EN60825 Class 1
Compliant per Agilent testing under single fault
conditions.
TUV Certification: 933/510817/05.


Similar Part No. - HFCT-5905E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5903 HP-HFCT-5903 Datasheet
164Kb / 12P
   MT-RJ Duplex Single Mode Transceiver
HFCT-5903E HP-HFCT-5903E Datasheet
164Kb / 12P
   MT-RJ Duplex Single Mode Transceiver
More results

Similar Description - HFCT-5905E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5903E HP-HFCT-5903E Datasheet
164Kb / 12P
   MT-RJ Duplex Single Mode Transceiver
HFCT-5915E HP-HFCT-5915E Datasheet
350Kb / 8P
   Report for MT-RJ Duplex Single Mode Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Agilent(Hewlett-Packard...
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Molex Electronics Ltd.
88523-7401 MOLEX11-88523-7401 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 2.0m
88523-7406 MOLEX11-88523-7406 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 30.0m
88523-7400 MOLEX11-88523-7400 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 1.0m
88523-7403 MOLEX11-88523-7403 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 4.0m
88523-7405 MOLEX11-88523-7405 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 15.0m
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com