Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFCT-5905 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HFCT-5905
Description  Agilent HFCT-5905E MT-RJ Duplex Single Mode Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFCT-5905 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HFCT-5905 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFCT-5905 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFCT-5905 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFCT-5905 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFCT-5905 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFCT-5905 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFCT-5905 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFCT-5905 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFCT-5905 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Receiver Section
(Ambient Operating Temperature VCC = 3.1 V to 3.5 V)
Notes:
7. This does not include the output load current.
8. This does not include the output load power.
9. Minimum sensitivity and saturation levels for a 223-1 PRBS with 72 ones and 72 zeros inserted. (CCITT recommendation G.958)
10. These outputs are compatible with 10 K, 10 KH and 100 K ECL and PECL outputs.
11. Between 20 Hz and 2000 KHz with the recommended power supply filter. No degradation above the maximum ‘receiver sensitivity at eye
center’specification of –31.8 dBm.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Supply Current
ICC
75
100
mA
7
Power Dissipation
PDISS
0.263
0.35
W
8
Receiver Sensitivity at Eye Center
PIN Min. (C)
-31.8
dBm avg.
9
Receiver Sensitivity at Window Edge
PIN Min. (W)
-31
dBm avg.
9
Maximum Input Optical Power
PIN Max.
-8.0
dBm avg.
9
Operating Wavelength
l
1261
1360
nm
Data Output Voltage - Low
VOL - VCC
-1.840
-1.620
V
10
Data Output Voltage - High
VOH - VCC
-1.045
-0.880
V
10
Signal Detect Output Voltage - Low
VOL - VCC
-1.840
-1.620
V
10
Signal Detect Output Voltage - High
VOH - VCC
-1.045
-0.880
V
10
Signal Detect - Asserted
PA
PD + 1.5 dB
-34
dBm avg.
Signal Detect - Deasserted
PD
-45
dBm avg.
Signal Detect - Hysteresis
PA - PD
0.5
4.0
dB
Signal Detect Assert time
(off to on)
AS_Max
0
100
µs
Signal Detect Deassert time
(on to off)
ANS_Max
0
350
µs
Power Supply Noise Rejection
PSNR
50
mV p-p
11


Similar Part No. - HFCT-5905

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5903 HP-HFCT-5903 Datasheet
164Kb / 12P
   MT-RJ Duplex Single Mode Transceiver
HFCT-5903E HP-HFCT-5903E Datasheet
164Kb / 12P
   MT-RJ Duplex Single Mode Transceiver
More results

Similar Description - HFCT-5905

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5903E HP-HFCT-5903E Datasheet
164Kb / 12P
   MT-RJ Duplex Single Mode Transceiver
HFCT-5915E HP-HFCT-5915E Datasheet
350Kb / 8P
   Report for MT-RJ Duplex Single Mode Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5179BZ AVAGO-AFCT-5179BZ_15 Datasheet
345Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Agilent(Hewlett-Packard...
HFCT-5205 HP-HFCT-5205 Datasheet
235Kb / 10P
   SC Duplex Single Mode Transceiver
HFCT-5103B HP-HFCT-5103B Datasheet
180Kb / 8P
   SC Duplex Single Mode Transceiver
logo
Molex Electronics Ltd.
88523-7401 MOLEX11-88523-7401 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 2.0m
88523-7406 MOLEX11-88523-7406 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 30.0m
88523-7400 MOLEX11-88523-7400 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 1.0m
88523-7403 MOLEX11-88523-7403 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 4.0m
88523-7405 MOLEX11-88523-7405 Datasheet
31Kb / 1P
   MT-RJ(F)-to-MT-RJ(F), Multimode, 62.5/125m, Duplex, 1.60mm, Standard Fiber Optic Cable Assembly, 15.0m
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com