Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D340B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D340B
Description  Electroluminescent Lamp Driver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D340B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D340B Datasheet HTML 1Page - List of Unclassifed Manufacturers D340B Datasheet HTML 2Page - List of Unclassifed Manufacturers D340B Datasheet HTML 3Page - List of Unclassifed Manufacturers D340B Datasheet HTML 4Page - List of Unclassifed Manufacturers D340B Datasheet HTML 5Page - List of Unclassifed Manufacturers D340B Datasheet HTML 6Page - List of Unclassifed Manufacturers D340B Datasheet HTML 7Page - List of Unclassifed Manufacturers D340B Datasheet HTML 8Page - List of Unclassifed Manufacturers D340B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
General Description:
The DurelD340B is part of a family of highly integrated EL
drivers based on Durel’s patented three-port (3P) topology, which
offers built-in EMI shielding. This low-cost, regulated device is
well suited for backlighting timepieces and small liquid crystal
displays for portable electronic applications.
• SmallSystemFootprint
• Timepieces
• Regulated AC output voltage
• Pagers
• Low Standby Current
• Calculators
• HighEfficiency
• Handsets
Features
Applications
Standard Test Circuit
nA
E’ = V+
mA
E’ = GND
Vpp
E’ = GND
Hz
E’ = GND
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Conditions
(Using Standard Test Circuit at Ta=25 °C unless otherwise specified.)
Lamp Driver Specifications:
Standby Current
5
1000
Supply Current
I
12
20
Output Voltage
Vout
110
144
160
Lamp Frequency
LF
100
140
200
Data Sheet
D340B
Electroluminescent
Lamp Driver IC
MSOP-8
OFF
LOAD B
V+
E’
GND
N/C
L+
VOUT
L-
N/C
1
2
45
6
7
8
3
3.3 V
4.7 uF
4.7 mH
(59 Ohm DCR)
(3.0 V)
ON
D340B
D341B


Similar Part No. - D340B

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
D340101 ZIEHL-D340101 Datasheet
339Kb / 2P
   Universal-Instrument MINIPAN 352V for DIN-rail-mounting
D340110 ZIEHL-D340110 Datasheet
339Kb / 2P
   Universal-Instrument MINIPAN 352V for DIN-rail-mounting
logo
List of Unclassifed Man...
D3406-0000PR ETC2-D3406-0000PR Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
D3406-0000S ETC2-D3406-0000S Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
D3406-0000SC ETC2-D3406-0000SC Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
More results

Similar Description - D340B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
List of Unclassifed Man...
D355B ETC1-D355B Datasheet
534Kb / 14P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
   Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
List of Unclassifed Man...
D306A ETC1-D306A Datasheet
407Kb / 13P
   Electroluminescent Lamp Driver IC
D305A ETC1-D305A Datasheet
398Kb / 12P
   Electroluminescent Lamp Driver IC
D356A ETC1-D356A Datasheet
489Kb / 12P
   Electroluminescent Lamp Driver IC
D356B ETC1-D356B Datasheet
516Kb / 12P
   Electroluminescent Lamp Driver IC
D371A ETC1-D371A Datasheet
359Kb / 14P
   Electroluminescent Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com