Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDB24 Datasheet(PDF) 1 Page - Protek Devices

Part # SMDB24
Description  STANDARD CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDB24 Datasheet(HTML) 1 Page - Protek Devices

  SMDB24 Datasheet HTML 1Page - Protek Devices SMDB24 Datasheet HTML 2Page - Protek Devices SMDB24 Datasheet HTML 3Page - Protek Devices SMDB24 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMDB05
thru
SMDB24C
1
05166.R2 3/05
www.protekdevices.com
STANDARD CAPACITANCE TVS ARRAY
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ RS-232, RS-422 & RS-423 Data Lines
✔ Cellular Phones
✔ Audio/Video Inputs
✔ Portable Electronics
✔ Wireless Network Systems
✔ Sensor Lines
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-Gnd) & Level 3(Line-Line)
FEATURES
✔ 800 Watts Peak Pulse Power per Line (tp=8/20µs)
✔ Unidirectional & Bidirectional Configurations
✔ Available in Voltage Types Ranging From: 5V to 24V
✔ Protects Up to Four (4) Lines
✔ ESD Protection > 40 kilovolts
✔ RoHS Compliant on Lead-Free Versions
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SO-8 Package
✔ Weight 70 milligrams (Approximate)
✔ Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Tin-Lead - Sn/Pb, 85/15: 240-245°C
Pure-Tin - Sn, 100: 260-270°C
✔ Flammability rating UL 94V-0
✔ 12mm Tape and Reel Per EIA Standard 481
✔ Marking: Logo, Marking Code, Date Code & Pin One Defined By Dot on Top of Package
PIN CONFIGURATIONS
SO-8
UNIDIRECTIONAL
BIDIRECTIONAL
1
2
4
8
3
5
6
7
GND
I/O
I/O
I/O
I/O
GND
GND
GND
1
2
4
8
3
5
6
7
GND
I/O
I/O
I/O
I/O
GND
GND
GND


Similar Part No. - SMDB24

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMDB24 MCC-SMDB24 Datasheet
143Kb / 2P
   TVSarray Series
logo
Microsemi Corporation
SMDB24 MICROSEMI-SMDB24 Datasheet
103Kb / 2P
   TVSarray Series
logo
SeCoS Halbleitertechnol...
SMDB24 SECOS-SMDB24 Datasheet
172Kb / 2P
   Transient Voltage Suppressors
logo
Protek Devices
SMDB24 PROTEC-SMDB24 Datasheet
513Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SMDB24 PROTEC-SMDB24 Datasheet
515Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
More results

Similar Description - SMDB24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com