Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D355B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # D355B
Description  Electroluminescent Lamp Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D355B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button D355B Datasheet HTML 5Page - List of Unclassifed Manufacturers D355B Datasheet HTML 6Page - List of Unclassifed Manufacturers D355B Datasheet HTML 7Page - List of Unclassifed Manufacturers D355B Datasheet HTML 8Page - List of Unclassifed Manufacturers D355B Datasheet HTML 9Page - List of Unclassifed Manufacturers D355B Datasheet HTML 10Page - List of Unclassifed Manufacturers D355B Datasheet HTML 11Page - List of Unclassifed Manufacturers D355B Datasheet HTML 12Page - List of Unclassifed Manufacturers D355B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
10
V. Automatic Turn-Off After Short Time Delay
It is sometimes desirable for the EL lamp to turn off automatically after a few seconds of operation. Typically,
a mechanical switch pulls E’ low to initially turn on the device. When the switch is released, Cdelay keeps
the D355B operating for a short period before turning off. The following table shows typical delay on-
times.
VI. Automatic Turn-Off After Long Time Delay
Longer on-times can be achieved with the addition of an external transistor. Typically, a mechanical switch
pulls E’ low to initially turn on the device. When the switch is released, Cdelay keeps the D355B operating
for a period before turning off. The following table shows typical delay on-times using the following circuit
with smaller capacitor values.
Vbat
C
delay (µF)
1.5V
3.0V
5.0V
5
2.4 s
4.0 s
6.0 s
7
3.3 s
5.5 s
7.8 s
10
5.1 s
8.6 s
12.5 s
15
7.2 s
12.7 s
19.3 s
20
9.9 s
17.2 s
27.0 s
Vbat
C
delay (µF)
1.5V
3.0V
5.0V
1
9.5 s
13.0 s
15.6 s
2
17.8 s
24.0 s
29.0 s
3
26.5 s
36.0 s
42.0 s
1
2
3
4
8
7
6
5
GND
L-
VOUT
L+
E’
CLF2
CLF1
V+
EL Lamp
L
Vbat
CLF
D355
1M
1.0
µF
Cdelay
1
2
3
4
8
7
6
5
GND
L-
VOUT
L+
E’
CLF2
CLF1
V+
EL Lamp
L
Vbat
CLF
D355
3.3M
470k
Vbat
1.0
µF
Cdelay
2N3904


Similar Part No. - D355B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D355D ETC-D355D Datasheet
1Mb / 16P
   Intagrierter Schalikreis fiir Zeitablaufsteuerungen in PL-Technik
More results

Similar Description - D355B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
   Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
List of Unclassifed Man...
D306A ETC1-D306A Datasheet
407Kb / 13P
   Electroluminescent Lamp Driver IC
D305A ETC1-D305A Datasheet
398Kb / 12P
   Electroluminescent Lamp Driver IC
D356A ETC1-D356A Datasheet
489Kb / 12P
   Electroluminescent Lamp Driver IC
D356B ETC1-D356B Datasheet
516Kb / 12P
   Electroluminescent Lamp Driver IC
D371A ETC1-D371A Datasheet
359Kb / 14P
   Electroluminescent Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com