Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1DDD365AA-M02 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 1DDD365AA-M02
Description  Electroluminescent Lamp Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1DDD365AA-M02 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 1DDD365AA-M02 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1DDD365AA-M02 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1DDD365AA-M02 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1DDD365AA-M02 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1DDD365AA-M02 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1DDD365AA-M02 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1DDD365AA-M02 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1DDD365AA-M02 Datasheet HTML 11Page - List of Unclassifed Manufacturers 1DDD365AA-M02 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
VI. High EL Brightness Through Supply Voltage Doubling
An external voltage boost circuit may be used to increase the voltage supplied to the D365. In the following circuit, the
National Semiconductor LM2661 is used as a positive voltage doubler.
1
2
3
4
8
7
6
5
L+
VOUT
V+
GND
L-
CHF
E
L
D365
BASE
EL Lamp
CHF
capacitor
pnp transistor
V+
OFF
ON
LM 2661
Vin
SD
CAP+
GND
CAP-
V+
OSC
LV
OUT
1N5817
47uF
47uF
10uF
VII. EL Lamp Brightness Regulation
Regulating the DC supply input voltage to the D365 will result in a constant brightness level from the EL lamp,
regardless of battery voltage. In this example, a Micrel voltage regulator is used.
1
2
3
4
8
7
6
5
L+
VOUT
V+
GND
L-
CHF
E
L
D365
Vbat
BASE
EL Lamp
CHF
capacitor
0.1 µF
pnp transistor
V+
OFF
ON
1GND
2E
OUT
IN
4
3
MIC5203
E


Similar Part No. - 1DDD365AA-M02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1DDD305AA-M04 ETC1-1DDD305AA-M04 Datasheet
398Kb / 12P
   Electroluminescent Lamp Driver IC
1DDD306AA-S06 ETC1-1DDD306AA-S06 Datasheet
407Kb / 13P
   Electroluminescent Lamp Driver IC
1DDD340BB-M02 ETC1-1DDD340BB-M02 Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
1DDD355BB-M02 ETC1-1DDD355BB-M02 Datasheet
534Kb / 14P
   Electroluminescent Lamp Driver IC
1DDD356AA-M02 ETC1-1DDD356AA-M02 Datasheet
489Kb / 12P
   Electroluminescent Lamp Driver IC
More results

Similar Description - 1DDD365AA-M02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
List of Unclassifed Man...
D355B ETC1-D355B Datasheet
534Kb / 14P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
   Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
List of Unclassifed Man...
D306A ETC1-D306A Datasheet
407Kb / 13P
   Electroluminescent Lamp Driver IC
D305A ETC1-D305A Datasheet
398Kb / 12P
   Electroluminescent Lamp Driver IC
D356A ETC1-D356A Datasheet
489Kb / 12P
   Electroluminescent Lamp Driver IC
D356B ETC1-D356B Datasheet
516Kb / 12P
   Electroluminescent Lamp Driver IC
D371A ETC1-D371A Datasheet
359Kb / 14P
   Electroluminescent Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com