Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1DDD371AA-M04 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 1DDD371AA-M04
Description  Electroluminescent Lamp Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1DDD371AA-M04 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 1DDD371AA-M04 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 11Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 12Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 13Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
III. Lamp Frequency Control with an External Clock Signal
An external clock signal may be used to control the EL lamp frequency (LF) of the D371A instead of using a capacitor.
There is an internal frequency divider in the IC so that the output lamp frequency will be half of the input clock signal.
Forexample,ifa500Hzinputclocksignalisused,theresultinglampfrequencywillbe250Hz. Theclocksignalvoltage
should not exceedV+. Atypicaldutycyclefortheclock input is +75%, butit canalso beadjusted withinarangeof20%
to 99% to control brightness and discharge level. A higher positive duty cycle allows for longer charge time and peak
voltage, at the expense of a faster discharge slope and higher noise.
11
IV. EL Brightness Control Through HF Clock Pulse Width Modulation
The inductor oscillating frequency may also be controlled on the D371A EL driver IC using an external clock input to
CHF. In addition, pulse-width modulation of the external HF clock signal to the D371 may be used to regulate the
brightness of the EL lamp load. High frequency input is typically in the range of 10kHz to 40kHz, with duty cycle in the
range of 15% to 100%. In general, a lower HF frequency results in higher brightness and using a lower duty cycle
results in higher brightness. The clock signal voltage should not exceed V+. Prior to finalization of the circuit, contact
Durel to verify that the frequency, duty cycle, and setup chosen are acceptable for EL driver performance.
1
2
3
4
5
6
7
8
9
10
CHF
CLF
E
DCH
GND
N/C
L-
Vout
L+
V+
D371A
Vbat
0.1 uF
OFF
ON
EL Lamp
1.0V Min
0.2V Max
200Hz - 2KHz
20%-99% +Duty
1
2
3
4
5
6
7
8
9
10
CHF
CLF
E
DCH
GND
N/C
L-
Vout
L+
V+
D371A
Vbat
0.1 uF
OFF
ON
EL Lamp
1.0V Min
0.2V Max
10KHz - 40KHz
15%-100% Duty


Similar Part No. - 1DDD371AA-M04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1DDD372AA-M04 ETC1-1DDD372AA-M04 Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
More results

Similar Description - 1DDD371AA-M04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
List of Unclassifed Man...
D355B ETC1-D355B Datasheet
534Kb / 14P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
   Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
List of Unclassifed Man...
D306A ETC1-D306A Datasheet
407Kb / 13P
   Electroluminescent Lamp Driver IC
D305A ETC1-D305A Datasheet
398Kb / 12P
   Electroluminescent Lamp Driver IC
D356A ETC1-D356A Datasheet
489Kb / 12P
   Electroluminescent Lamp Driver IC
D356B ETC1-D356B Datasheet
516Kb / 12P
   Electroluminescent Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com