Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1DDD371AA-M04 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 1DDD371AA-M04
Description  Electroluminescent Lamp Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1DDD371AA-M04 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 1DDD371AA-M04 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1DDD371AA-M04 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Selecting the appropriate value of capacitor for the high frequency oscillator (CHF) will set the inductor switching
frequency of the D371 IC. High inductor frequency allows for more efficient use of inductor coils with lower values.
However, care must be taken that the charge pumping does not reach a continuous mode at very high frequency when
the voltage is not efficiently transferred to the lamp load. Figure 3 graphically represents the effect of the CHF value
on the oscillator frequency at V+ = 3.0V.
II. High Frequency Capacitor (CHF) Selection
Figure 3: Typical Inductor Frequency vs. CHF Capacitor
The inductor switching frequency may also be controlled with an external clock signal. The inductor will charge
during the low portion of the clock signal and discharge into the EL lamp during the high portion of the clock signal.
The positive duty cycle used for the external high frequency clock signal is usually between 15%-75% with a typical
value of 15%-20% for maximum brightness. The clock signal input voltage should not exceed V+.
10
15
20
25
50
75 100 125 150 175 200 225
CHF (pF)


Similar Part No. - 1DDD371AA-M04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1DDD372AA-M04 ETC1-1DDD372AA-M04 Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
More results

Similar Description - 1DDD371AA-M04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
List of Unclassifed Man...
D355B ETC1-D355B Datasheet
534Kb / 14P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
   Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
List of Unclassifed Man...
D306A ETC1-D306A Datasheet
407Kb / 13P
   Electroluminescent Lamp Driver IC
D305A ETC1-D305A Datasheet
398Kb / 12P
   Electroluminescent Lamp Driver IC
D356A ETC1-D356A Datasheet
489Kb / 12P
   Electroluminescent Lamp Driver IC
D356B ETC1-D356B Datasheet
516Kb / 12P
   Electroluminescent Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com