Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEL185E Datasheet(PDF) 3 Page - Protek Devices

Part # TEL185E
Description  TELEPHONE INTERFACE PROTECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

TEL185E Datasheet(HTML) 3 Page - Protek Devices

  TEL185E Datasheet HTML 1Page - Protek Devices TEL185E Datasheet HTML 2Page - Protek Devices TEL185E Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
www.protekdevices.com
05050.R3 11/03
TEL185B
&
TEL185E
PACKAGE OUTLINE & DIMENSIONS
0.50” MAX (12.7mm)
3.0” MAX
(76.2mm)
1.90” MAX
(48.2mm)
CONTINUITY
INPUT
OUTPUT
5
4
3
2
12
13
14
15
INPUT Connected to Line From
Outside World
0.07” MAX
(17.8mm)
12
15
GND
25
OUTPUT Connected to
Transmit/Receive Circuits
0.30” MAX
(7.6mm)
Note:
I/O contacts spaced at 0.156
(3.96mm) centers.
Orientation Notch
3.8” MAX
(95.5mm)
3.25” ± 0.015”
(82.6mm ± 0.38mm)
1.125” MAX
(30.2mm)
Adhesive Mylar Label
Terminal Screw
2.25” MAX
(57.2mm)
Mounting
Hole for #8
Screw
1.19” MAX
(30.2mm)
#6 Screws
Terminal Strip
0.61” MAX
(15.5mm)
TEL185E CASE OUTLINE
TEL185B BOARD OUTLINE
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and
specifications is the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or
specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com


Similar Part No. - TEL185E

ManufacturerPart #DatasheetDescription
logo
Protek Devices
TEL185E PROTEC-TEL185E Datasheet
441Kb / 5P
   TELEPHONE INTERFACE PROTECTOR
More results

Similar Description - TEL185E

ManufacturerPart #DatasheetDescription
logo
Protek Devices
TEL185B PROTEC-TEL185B_10 Datasheet
441Kb / 5P
   TELEPHONE INTERFACE PROTECTOR
TEL185B PROTEC-TEL185B_12 Datasheet
442Kb / 5P
   TELEPHONE INTERFACE PROTECTOR
TEL50B PROTEC-TEL50B_12 Datasheet
442Kb / 5P
   PBX LOW VOLTAGE TELEPHONE PROTECTOR
TEL50B PROTEC-TEL50B_10 Datasheet
441Kb / 5P
   PBX LOW VOLTAGE TELEPHONE PROTECTOR
TEL50B PROTEC-TEL50B Datasheet
108Kb / 3P
   PBX LOW VOLTAGE TELEPHONE PROTECTOR
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
   Telephone Line Surge and Lightning Protector
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
   Cordless telephone line interface
1999 Jun 04
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com