Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8816 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN8816
Description  4ch. Linear Driver IC for CD/CD-ROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8816 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN8816 Datasheet HTML 1Page - Panasonic Semiconductor AN8816 Datasheet HTML 2Page - Panasonic Semiconductor AN8816 Datasheet HTML 3Page - Panasonic Semiconductor AN8816 Datasheet HTML 4Page - Panasonic Semiconductor AN8816 Datasheet HTML 5Page - Panasonic Semiconductor AN8816 Datasheet HTML 6Page - Panasonic Semiconductor AN8816 Datasheet HTML 7Page - Panasonic Semiconductor AN8816 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICs for CD/CD-ROM Player
AN8816SB
s Block Diagram
23
25
27
19
9
11
12
13
14
15
16
17
18
20
7
Fin
22
2
1
5
6
4
21
PGND1
IN1
IN2
IN3
IN4
SVCC
PVCC1
VO1+
VO1–
VO2+
VO2–
VO3+
VO3–
VO4+
VO4–
PVCC2
RL4
RL3
RL2
RL1
PVCC
1
2
SVCC
8
SGND
VREF
+
IL
PVCC
1
2
24
26
28
10
PGND2
PC1
PC2
5V
reg
Motor or Coil
Direction
Det.
Direction
Det.
Direction
Det.
Direction
Det.
Thermal
Protector
VCC Monitor
VREF Monitor
+
+
+
+
+
+
+
+
+
+
+
+


Similar Part No. - AN8816

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8812 PANASONIC-AN8812 Datasheet
374Kb / 9P
   4 CH LINEAR DRIVER IC FOR CD/CD-ROM
AN8812SC PANASONIC-AN8812SC Datasheet
374Kb / 9P
   4 CH LINEAR DRIVER IC FOR CD/CD-ROM
AN8812SCR PANASONIC-AN8812SCR Datasheet
374Kb / 9P
   4 CH LINEAR DRIVER IC FOR CD/CD-ROM
AN8813 PANASONIC-AN8813 Datasheet
53Kb / 5P
   4-channel driver IC for optical disk drive
AN8813NSB PANASONIC-AN8813NSB Datasheet
53Kb / 5P
   4-channel driver IC for optical disk drive
More results

Similar Description - AN8816

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8780SB PANASONIC-AN8780SB Datasheet
38Kb / 3P
   4Ch. Linear Driver IC for CD/CD-ROM
AN8812 PANASONIC-AN8812 Datasheet
374Kb / 9P
   4 CH LINEAR DRIVER IC FOR CD/CD-ROM
AN8787NSB PANASONIC-AN8787NSB Datasheet
61Kb / 7P
   4-channel linear driver IC for CD/CD-ROM drive
AN8735NSB PANASONIC-AN8735NSB Datasheet
51Kb / 5P
   2-channel linear driver IC for CD/CD-ROM player
AN8783SB PANASONIC-AN8783SB Datasheet
57Kb / 7P
   4-channel linear driver IC for CD/CD-ROM drive
logo
Rohm
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
BA5944FP ROHM-BA5944FP Datasheet
82Kb / 2P
   BTL Driver IC for CD-ROM
logo
Toshiba Semiconductor
TA8212F TOSHIBA-TA8212F Datasheet
253Kb / 6P
   4CH POWER DRIVER IC FOR CD PLAYER
logo
Panasonic Semiconductor
AN8819NFB PANASONIC-AN8819NFB Datasheet
116Kb / 11P
   4Ch. Linear Driver IC DC-DC Converter Control for CD
logo
Rohm
BA5811FM ROHM-BA5811FM Datasheet
294Kb / 2P
   5 Channel Driver for CD/CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com