Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8882SB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN8882SB
Description  Head amplifier IC for CD-ROM drive for 32 times speed or more
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8882SB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN8882SB Datasheet HTML 1Page - Panasonic Semiconductor AN8882SB Datasheet HTML 2Page - Panasonic Semiconductor AN8882SB Datasheet HTML 3Page - Panasonic Semiconductor AN8882SB Datasheet HTML 4Page - Panasonic Semiconductor AN8882SB Datasheet HTML 5Page - Panasonic Semiconductor AN8882SB Datasheet HTML 6Page - Panasonic Semiconductor AN8882SB Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICs for Compact Disc/CD-ROM Player
1
AN8882SB
Head amplifier IC for CD-ROM drive (for 32 times speed or more)
s Overview
The AN8882SB is a head amplifier IC for
digital servo. It can configure an efficient CD-ROM
system in combination with the MN662754, and
allows a full-automatic adjustment of tracking bal-
ance-gain-offset and focus balance-gain-offset with
fewer external parts.
Built-in functions are a variable equalizer, wide
band RF amp. and AGC which meet CAV playback
with 32 times speed or more.
s Features
• Variable equalizer which meets CAV playback
with 32 times speed or more.
(6-step changeover)
• Wide band RF amp. and AGC (f
C = 30 MHz or
more (
−3 dB))
• Balance adjustment function built-in
Focus error amp./tracking error amp.
• CD-RW playback compatible.
Variable gain
Focus error amp./tracking error amp.
(to
+12 dB)
• OFTR/BDO detection
• APC amp. (LD reference voltage changeover for
CD-RW playback)
s Applications
• CD/CD-ROM drive
SSOP036-P-0450A
Unit: mm
15.2±0.3
36
19
118
0.3±0.11
0.8
1.30±0.25
1.30±0.25
Seating plane
0.2
+0.10
–0.05


Similar Part No. - AN8882SB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN880 PANASONIC-AN880 Datasheet
192Kb / 14P
   THE L6569 A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
logo
STMicroelectronics
AN880 STMICROELECTRONICS-AN880 Datasheet
192Kb / 14P
   A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
logo
Panasonic Semiconductor
AN8806SB PANASONIC-AN8806SB Datasheet
89Kb / 10P
   Three-Beam Method Head Amplifier IC for CD Player
logo
List of Unclassifed Man...
AN8806SB ETC2-AN8806SB Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN8807 PANASONIC-AN8807 Datasheet
90Kb / 10P
   Three-Beam Method Head Amplifier IC for CD-ROM
More results

Similar Description - AN8882SB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8847SB PANASONIC-AN8847SB Datasheet
66Kb / 7P
   Head amplifier IC for CD-ROM drive for 32 times speed or more
AN8849SB PANASONIC-AN8849SB Datasheet
66Kb / 7P
   Head amplifier IC for CD-ROM drive for 24 times speed or more
logo
Hitachi Semiconductor
HA12220F HITACHI-HA12220F Datasheet
143Kb / 20P
   CD-ROM Drive Head Amplifier IC
logo
Sharp Corporation
IS1604 SHARP-IS1604 Datasheet
31Kb / 2P
   OPIC Light Detector for 4 times Speed CD-ROM Drive
logo
Panasonic Semiconductor
AN8807SB PANASONIC-AN8807SB Datasheet
90Kb / 10P
   Three-Beam Method Head Amplifier IC for CD-ROM
AN8787NSB PANASONIC-AN8787NSB Datasheet
61Kb / 7P
   4-channel linear driver IC for CD/CD-ROM drive
logo
Hitachi Semiconductor
HA12188AF HITACHI-HA12188AF Datasheet
248Kb / 35P
   Pre-Amplifier and Servo IC for Quadruple-Speed CD-ROM
logo
Panasonic Semiconductor
AN8783SB PANASONIC-AN8783SB Datasheet
57Kb / 7P
   4-channel linear driver IC for CD/CD-ROM drive
logo
New Japan Radio
NJM2768BM NJRC-NJM2768BM Datasheet
320Kb / 8P
   HEADPHONE AMPLIFIER for CD-ROM
logo
Sharp Corporation
IS1682 SHARP-IS1682 Datasheet
53Kb / 2P
   OPIC Light Detector for X40 Speed CD-ROM Drive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com