Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC259J Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC259J
Description  8-BIT ADDRESSABLE LATCHES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC259J Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC259J Datasheet HTML 1Page - Texas Instruments SN54HC259J Datasheet HTML 2Page - Texas Instruments SN54HC259J Datasheet HTML 3Page - Texas Instruments SN54HC259J Datasheet HTML 4Page - Texas Instruments SN54HC259J Datasheet HTML 5Page - Texas Instruments SN54HC259J Datasheet HTML 6Page - Texas Instruments SN54HC259J Datasheet HTML 7Page - Texas Instruments SN54HC259J Datasheet HTML 8Page - Texas Instruments SN54HC259J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54HC259, SN74HC259
8BIT ADDRESSABLE LATCHES
SCLS134E − DECEMBER 1982 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D High-Current Inverting Outputs Drive Up To
10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 14 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D 8-Bit Parallel-Out Storage Register
Performs Serial-to-Parallel Conversion With
Storage
D Asynchronous Parallel Clear
D Active-High Decoder
D Enable Input Simplifies Expansion
D Expandable for n-Bit Applications
D Four Distinct Functional Modes
description/ordering information
These 8-bit addressable latches are designed for
general-purpose storage applications in digital
systems. Specific uses include working registers,
serial-holding registers, and active-high decoders
or
demultiplexers.
They
are
multifunctional
devices capable of storing single-line data in eight
addressable latches and being a 1-of-8 decoder
or demultiplexer with active-high outputs.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC259N
SN74HC259N
Tube of 40
SN74HC259D
SOIC − D
Reel of 2500
SN74HC259DR
HC259
−40
°C to 85°C
SOIC − D
Reel of 250
SN74HC259DT
HC259
−40 C to 85 C
SOP − NS
Reel of 2000
SN74HC259NSR
HC259
TSSOP − PW
Reel of 2000
SN74HC259PWR
HC259
TSSOP − PW
Reel of 250
SN74HC259PWT
HC259
CDIP − J
Tube of 25
SNJ54HC259J
SNJ54HC259J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC259W
SNJ54HC259W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC259FK
SNJ54HC259FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54HC259 ...J OR W PACKAGE
SN74HC259 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
G
D
NC
Q7
Q6
S2
Q0
NC
Q1
Q2
SN54HC259 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
Q0
Q1
Q2
Q3
GND
VCC
CLR
G
D
Q7
Q6
Q5
Q4
NC − No internal connection
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN54HC259J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC259J TI-SN54HC259J Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259J TI-SN54HC259J Datasheet
686Kb / 19P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259J TI1-SN54HC259J Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results

Similar Description - SN54HC259J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74259 NSC-DM74259 Datasheet
166Kb / 3P
   8-Bit Addressable Latches
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B Datasheet
184Kb / 8P
   8-Bit Addressable Latches
March, 2000 ??Rev. 3
logo
Texas Instruments
SN54259 TI1-SN54259_10 Datasheet
375Kb / 7P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
logo
Fairchild Semiconductor
DM74LS259 FAIRCHILD-DM74LS259 Datasheet
59Kb / 6P
   8-Bit Addressable Latches
logo
Texas Instruments
SN54259 TI-SN54259 Datasheet
200Kb / 5P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259_07 Datasheet
686Kb / 19P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B_14 Datasheet
102Kb / 7P
   8-Bit Addressable Latches
August, 2014 ??Rev. 9
logo
Texas Instruments
SN54HC289 TI-SN54HC289 Datasheet
365Kb / 15P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN74ALS259DR TI-SN74ALS259DR Datasheet
642Kb / 17P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259 Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com