Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQW414EHAX Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AQW414EHAX
Description  General use and economy type. DIP (2 Form B) 8-pin type. Reinforced insulation 5,000V type.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQW414EHAX Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AQW414EHAX Datasheet HTML 1Page - Panasonic Semiconductor AQW414EHAX Datasheet HTML 2Page - Panasonic Semiconductor AQW414EHAX Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GU-E PhotoMOS (AQW414EH)
1
2
3
4
8
7
6
5
GU-E PhotoMOS
(AQW414EH)
General use and economy type.
DIP (2 Form B) 8-pin type.
Reinforced insulation 5,000V
type.
mm inch
3.2
.126
6.4
.252
9.86
.388
2.9
.114
6.4
.252
9.86
.388
FEATURES
1. Reinforced insulation 5,000 V type
More than 0.4 mm internal insulation
distance between inputs and outputs.
Con-forms to EN41003, EN60950
(reinforced insulation).
2. Compact 8-pin DIP size
The device comes in a compact
(W)6.4
×(L)9.86×(H)3.2 mm
(W).252
×(L).388×(H).126 inch, 8-pin DIP
size (through hole terminal type).
3. Applicable for 2 Form B use as well
as two independent 1 Form B use
4. Controls low-level analog signals
PhotoMOS relays feature extremely low
closed-circuit offset voltage to enable
control of low-level analog signals without
distortion.
5. High sensitivity, high speed
response.
Can control a maximum 0.13 A load
current with a 5 mA input current. Fast
operation speed of 0.8 ms (typical).
6. Low-level off state leakage current
TYPICAL APPLICATIONS
• Modem
• Telephone equipment
• Security equipment
• Sensors
TYPES
*Indicate the peak AC and DC values.
Note:
For space reasons, the SMD terminal shape indicator "A" and the package type indicator "X" and "Z" are omitted from the seal.
Type
I/O isolation
voltage
Output rating*
Part No.
Packing quantity
Through hole
terminal
Surface-mount terminal
Load
voltage
Load
current
Tube packing style
Tape and reel packing style
Tube
Tape and
reel
Picked from the
1/2/3/4-pin side
Picked from the
5/6/7/8-pin side
AC/DC
type
Reinforced
5,000 V
400 V
100 mA
AQW414EH
AQW414EHA
AQW414EHAX
AQW414EHAZ
1 tube contains
40 pcs.
1 batch contains
400 pcs.
1,000 pcs.
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Item
Symbol
AQW414EH (A)
Remarks
Input
LED forward current
IF
50mA
LED reverse voltage
VR
5V
Peak forward current
IFP
1A
f =100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75mW
Output
Load voltage (peak AC)
VL
400 V
Continuous load current
IL
0.1 A (0.13 A)
Peak AC, DC
( ): in case of using only 1 channel.
Peak load current
Ipeak
0.3 A
100 ms (1 shot), VL= DC
Power dissipation
Pout
800mW
Total power dissipation
PT
850mW
I/O isolation voltage
Viso
5,000 V AC
Temperature
limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
TESTING
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - AQW414EHAX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
AQW414 ETC2-AQW414 Datasheet
169Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
AQW414A ETC2-AQW414A Datasheet
169Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
AQW414S ETC-AQW414S Datasheet
158Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
More results

Similar Description - AQW414EHAX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
logo
Nais(Matsushita Electri...
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
AQW454 NAIS-AQW454 Datasheet
48Kb / 3P
   HE (High-function Economy) Type [2-Channel (Form B) Type]
logo
Panasonic Battery Group
AQY280EHAX PANASONICBATTERY-AQY280EHAX Datasheet
146Kb / 4P
   GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type]
logo
Sharp Corporation
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
logo
Nais(Matsushita Electri...
AQY410EH NAIS-AQY410EH Datasheet
49Kb / 3P
   GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
logo
Sharp Corporation
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com