Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN96A07K Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN96A07K
Description  Dynamic Focus Controller IC for CRT Monitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN96A07K Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AN96A07K Datasheet HTML 2Page - Panasonic Semiconductor AN96A07K Datasheet HTML 3Page - Panasonic Semiconductor AN96A07K Datasheet HTML 4Page - Panasonic Semiconductor AN96A07K Datasheet HTML 5Page - Panasonic Semiconductor AN96A07K Datasheet HTML 6Page - Panasonic Semiconductor AN96A07K Datasheet HTML 7Page - Panasonic Semiconductor AN96A07K Datasheet HTML 8Page - Panasonic Semiconductor AN96A07K Datasheet HTML 9Page - Panasonic Semiconductor AN96A07K Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ICs for TV
AN96A07K
9
10
Oscillation
prevention
capacitor
Oscillation
prevention
capacitor
11
Hor. parabola
output amplitude
adjustment
12
Feedback input
13
Feedback output
4V
fH
4V
4.5V
4V
4.5V
4V
2.5V
DC (11.2V)
1.4k
200
VCC
200
VCC
VCC
200
200
VCC
13
200
10k
0.1mA
0.03mA
1.4mA
4V
4V
0.5mA
1.4k
0.7mA
0.05mA
0.1mA
2k
11
10
9
12
14
Hor. parabola
output
15
GND
0V
fH
11V
4V
200
1.4mA
0.1mA
4V
14
2mA
Pin No.
Pin name
Equivalent circuit
Function
Waveform
Oscillation prevention ca-
pacitor
If the parabola output oscil-
lates, a capacitor of several
10pF must be connected
between this pin and Pin10.
Oscillation prevention ca-
pacitor
If the parabola output oscil-
lates, capacitor of several 10
pF
must
be
connected
between this pin and Pin9.
Control pin of the ampli-
tude of horizontal parabola
output.
If the current is increased
by
inserting
a
resistor
between this pin and GND,
the amplitude decrease.
Feedback output-pin for
gain adjustment
The gain is set by a resistor
which is connected bet-
ween Pins12 and 28.
Feedback input for gain
adjustment
Output of horizontal parab-
ola waveform
GND for vertical system
s Pin Descriptions (cont.)


Similar Part No. - AN96A07K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AN9614 INTERSIL-AN9614 Datasheet
55Kb / 3P
   Using the PRISM짰 Chip Set for Low Data Rate Applications
logo
Infineon Technologies A...
AN96475 INFINEON-AN96475 Datasheet
880Kb / 59P
   PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
logo
STMicroelectronics
AN966 STMICROELECTRONICS-AN966 Datasheet
246Kb / 21P
   The front-end stage of conventional off-line converters
AN968 STMICROELECTRONICS-AN968 Datasheet
100Kb / 4P
   VMEbus TIMEKEEPER
AN969 STMICROELECTRONICS-AN969 Datasheet
64Kb / 10P
   SCI COMMUNICATION BETWEEN ST7 AND PC
More results

Similar Description - AN96A07K

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52723ASP MITSUBISHI-M52723ASP Datasheet
101Kb / 17P
   DYNAMIC FOCUS
logo
Renesas Technology Corp
M52723ASP RENESAS-M52723ASP Datasheet
290Kb / 23P
   Dynamic Focus
logo
Panasonic Semiconductor
AN5764N PANASONIC-AN5764N Datasheet
49Kb / 5P
   Horizontal picture position control IC for CRT monitor
AN93B06SCR PANASONIC-AN93B06SCR Datasheet
201Kb / 3P
   BROAD BAND VIDEO AMPLIFIER IC FOR CRT MONITOR
logo
Toshiba Semiconductor
2SC5563 TOSHIBA-2SC5563_04 Datasheet
89Kb / 2P
   Dynamic Focus Applications
2SC5460 TOSHIBA-2SC5460_04 Datasheet
141Kb / 5P
   Dynamic Focus Applications
logo
List of Unclassifed Man...
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
logo
Toshiba Semiconductor
2SC5466 TOSHIBA-2SC5466_04 Datasheet
129Kb / 4P
   Dynamic Focus Applications
logo
Renesas Technology Corp
M52759SP RENESAS-M52759SP Datasheet
321Kb / 27P
   Uniformity for CRT Display Monitor
Mar 31, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com