Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM1860SHM Datasheet(PDF) 2 Page - International Rectifier

Part # OM1860SHM
Description  1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM1860SHM Datasheet(HTML) 2 Page - International Rectifier

  OM1860SHM Datasheet HTML 1Page - International Rectifier OM1860SHM Datasheet HTML 2Page - International Rectifier OM1860SHM Datasheet HTML 3Page - International Rectifier OM1860SHM Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.3 - 84
3.3
OM1860STM OM1860NKM OM1860NHM
ELECTRICAL CHARACTERISTICS -55°C ≤ T
A ≤ 125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Reference Voltage
VREF
V
IN - VOUT  = 3.0 V, TA = 25° C
1.238
1.262
V
IOUT = 10 mA
1.5 V
≤V
IN - VOUT ≤ 25 V,
1.220
1.270
V
10 mA
≤ I
OUT ≤ 1.0 A
Line Regulation
∆V
OUT
1.5 V
≤V
IN - VOUT ≤ 15 V,
0.2
%
(Note 1)
∆V
IN
IOUT = 10 mA, TA = 25° C
15 V
≤V
IN - VOUT ≤ 35 V,
0.5
%
IOUT = 10 mA
Load Regulation
∆V
OUT
V
IN - VOUT  = 3.0 V, TA = 25° C
0.8
%
(Note 1)
∆I
OUT
10 mA
≤ I
OUT ≤ 1.0 A
1.0
%
Dropout Voltage
VDO
IOUT = 1.0 A, ∆VREF = 1%
1.5
V
Thermal Regulation
-
30 ms pulse, TA = +25° C
0.04
%/W
Ripple Rejection
∆V
IN
f = 120 Hz, CAdj = 25 µF,
60
dB
∆V
OUT
COUT = 25 µF (tantalum), IOUT = 1.0 A,
V
IN - VOUT  = 3.0 V
Adjust Pin Current
IAdj
1.5 V
≤V
IN - VOUT ≤ 25 V,
120
µA
10 mA
≤ I
OUT ≤ 1.0 A
Adjust Pin Current Change
∆I
Adj
1.5 V
≤V
IN - VOUT ≤ 25 V,
5.0
µA
10 mA
≤ I
OUT ≤ 1.0 A
Miminum Load Current
IMin
V
IN - VOUT  = 25 V
10
mA
Current Limit
ILim
V
IN - VOUT ≤ 5.0 V
1.5
2.5
A
V
IN - VOUT  = 25 V
0.075
A
Temperature Stability
∆V
OUT
-55° C
≤ T
J ≤ +125° C
1.5
%
(Note 2)
∆T
Long Term Stability
∆V
OUT
TA = +125° C, t = 1000 hrs
1.0
%
(Note 2)
∆T
Notes:
1. Line and Load Regulation are measured at a constant junction temperature using a low duty cycle pulse technique.
Although power dissipation is internally limited, regulation is guaranteed up to the maximum power dissipation of 15 W.
Power dissipation is determined by the input/output differential voltage and the output current. Guaranteed maximum
power dissipation will not be available over the full input/output voltage range.
2. Guaranteed by design, characterization or correlation to other tested parameters.
3. The • denotes the specifications which apply over the full operating temperature range.
PART NUMBER DESIGNATOR
Standard Military Drawing Number
Omnirel Part Number
Package
5962-8998101Y
OM1860NHM
TO-39
5962-8998101X
OM1860NKM
TO-3
5962-8998101U
OM1860STM
TO-257 (Isolated)
Part Numbering System
Voltage Regulators
OM-1860-S-T-M
Company
Identification
Part
Number
S= Isolated
N= Non isolated
Package
(see Package codes*)
Screening
M= MIL-M 38535
* Package Codes:
K= TO-204AA (TO-3)
H= TO-39
T= TO-257AA


Similar Part No. - OM1860SHM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1860STM ETC2-OM1860STM Datasheet
446Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
More results

Similar Description - OM1860SHM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962-8998101XA ETC2-5962-8998101XA Datasheet
446Kb / 4P
   1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
OM1830SCM ETC2-OM1830SCM Datasheet
39Kb / 4P
   7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
OM1850 ETC-OM1850 Datasheet
440Kb / 4P
   3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
logo
International Rectifier
OM1840SCM IRF-OM1840SCM Datasheet
432Kb / 4P
   5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521
logo
List of Unclassifed Man...
OM1320STM ETC-OM1320STM Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
International Rectifier
OM1321SMM IRF-OM1321SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
OM3910STM ETC1-OM3910STM Datasheet
39Kb / 4P
   3.0 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 5962-87675
OM1326SMM ETC2-OM1326SMM Datasheet
43Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703407
logo
International Rectifier
OM1320SMM IRF-OM1320SMM Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
OM1324SMM IRF-OM1324SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com