Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7314M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN7314M
Description  LCD Backlight Inverter Drive IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7314M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN7314M Datasheet HTML 1Page - Fairchild Semiconductor FAN7314M Datasheet HTML 2Page - Fairchild Semiconductor FAN7314M Datasheet HTML 3Page - Fairchild Semiconductor FAN7314M Datasheet HTML 4Page - Fairchild Semiconductor FAN7314M Datasheet HTML 5Page - Fairchild Semiconductor FAN7314M Datasheet HTML 6Page - Fairchild Semiconductor FAN7314M Datasheet HTML 7Page - Fairchild Semiconductor FAN7314M Datasheet HTML 8Page - Fairchild Semiconductor FAN7314M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
www.fairchildsemi.com
FAN7314 Rev. 1.0.1
Pin Assignments
Pin Definitions
Pin Number
Pin Name
Pin Function Description
1
OLP
Open Lamp Protection
2
OLR
Open Lamp Regulation
3
ENA
Enable Input
4
S_S
Soft Start
5
GND
Analog Ground
6
REF
2.5V Reference Voltage
7
ADIM
Analog Dimming Input
8
BDIM
Burst Dimming Input
9
EA_IN
Error Amplifier Input
10
EA_OUT
Error Amplifier Output
11
BCT
Burst Dimming Timing Capacitor
12
RT
Timing Resistor
13
CT
Timing Capacitor
14
OUTD
NMOSFET Drive Output D
15
OUTC
PMOSFET Drive Output C
16
PGND
Power Ground
17
VIN
Supply Voltage
18
OUTA
PMOSFET Drive Output A
19
OUTB
NMOSFET Drive Output B
20
RT1
Striking Frequency Resistor
FAN7314
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
OLP
OLR
ENA
S_S
OUTC
REF
ADIM
BDIM
EA_IN EA_OUT
RT1
OUTB
OUTA
VIN
PGND
OUTD
CT
RT
BCT
GND


Similar Part No. - FAN7314M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7314M FAIRCHILD-FAN7314M Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314MX FAIRCHILD-FAN7314MX Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7314M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com