Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7314M Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN7314M
Description  LCD Backlight Inverter Drive IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7314M Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN7314M Datasheet HTML 6Page - Fairchild Semiconductor FAN7314M Datasheet HTML 7Page - Fairchild Semiconductor FAN7314M Datasheet HTML 8Page - Fairchild Semiconductor FAN7314M Datasheet HTML 9Page - Fairchild Semiconductor FAN7314M Datasheet HTML 10Page - Fairchild Semiconductor FAN7314M Datasheet HTML 11Page - Fairchild Semiconductor FAN7314M Datasheet HTML 12Page - Fairchild Semiconductor FAN7314M Datasheet HTML 13Page - Fairchild Semiconductor FAN7314M Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
www.fairchildsemi.com
FAN7314 Rev. 1.0.1
4. Winding Specification
5. BOM of the Application Circuit
Pin No.
Wire
Turns
Inductance
Leakage Inductance
Remarks
5
→ 2
1 UEW 0.45
φ
12
180µH
7.2µH
1KHz, 1V
7
→ 9
1 UEW 0.04
φ
2430 (270 x 9)
7.2H
330mH
1KHz, 1V
Part Ref.
Value
Description/Vendor
Part Ref.
Value
Description/Vendor
Fuse
C5
220p
50V 1608 J
F1
24V 3A
Fuse
C6
50V 2012 K
Resistor (SMD)
C7
10µ
16V 3216
R1
330K
1608 J
C8
10µ
16V 3216
R2
56K
1608 F
C9
16V 1608 K
R3
18K
1608 F
C10
15p
3KV 3216
R4
22K
1608 F
C11
15p
3KV 3216
R5
27K
1608 F
C12
15p
3KV 3216
R6
82K
1608 F
C13
15p
3KV 3216
R8
100K
1608 F
C14
10n
50V 1608 K
R9
9.1K
1608 F
C15
10n
50V 1608 K
R11
1K
1608 F
C17
2.2n
50V 1608 Z
R12
1K
1608 F
C18
2.2n
50V 1608 Z
R13
1K
1608 F
C19
2.2n
50V 1608 Z
R14
100K
1608 F
C20
2.2n
50V 1608 Z
R15
10K
1608 F
C21
10n
50V 1608 Z
R16
1K
1608 F
C25
50V 2012 K
R17
1K
1608 F
C26
0.1µ
16V 1608 K
R18
1K
1608 F
C27
50V 2012 K
R19
1K
1608 F
C28
10n
50V 1608 Z
R20
10K
1608 J
C29
10n
50V 1608 K
R21
10K
1608 J
C30
10n
50V 1608 K
R22
10K
1608 J
Diode / TR (SMD)
R23
10K
1608 J
D1
BAW56
Fairchildsemi
R24
10K
1608 J
D3
BAV70
Fairchildsemi
R25
10K
1608 J
D4
BAV70
Fairchildsemi
R26
1K
1608 F
D6
BAV99
Fairchildsemi
R27
10K
1608 J
D7
BAV99
Fairchildsemi
Capacitor (SMD)
D8
BAV99
Fairchildsemi
C1
0.22µ
16V 1608 K
D9
BAV99
Fairchildsemi
C2
50V 2012 K
D10
BAW56
Fairchildsemi
C3
4.7n
50V 1608 K
D11
BAW56
Fairchildsemi
C4
4.7n
50V 1608 K
Q1
KST2222
Fairchildsemi


Similar Part No. - FAN7314M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7314M FAIRCHILD-FAN7314M Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314MX FAIRCHILD-FAN7314MX Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7314M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com