Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB8445 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDB8445
Description  N-Channel PowerTrench짰 MOSFET 40V, 70A, 9mOhm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB8445 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDB8445 Datasheet HTML 1Page - Fairchild Semiconductor FDB8445 Datasheet HTML 2Page - Fairchild Semiconductor FDB8445 Datasheet HTML 3Page - Fairchild Semiconductor FDB8445 Datasheet HTML 4Page - Fairchild Semiconductor FDB8445 Datasheet HTML 5Page - Fairchild Semiconductor FDB8445 Datasheet HTML 6Page - Fairchild Semiconductor FDB8445 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image


Similar Part No. - FDB8445

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB8445 ISC-FDB8445 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDB8445 FAIRCHILD-FDB8445_10 Datasheet
342Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 70A, 9m廓
FDB8445_F085 FAIRCHILD-FDB8445_F085 Datasheet
342Kb / 7P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDB8445

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB8444 FAIRCHILD-FDB8444 Datasheet
312Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 70A, 5.5mOhm
FDB8444 FAIRCHILD-FDB8444_10 Datasheet
344Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 70A, 5.5m廓
FDB8445 FAIRCHILD-FDB8445_10 Datasheet
342Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 70A, 9m廓
FDS4470 FAIRCHILD-FDS4470_06 Datasheet
151Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET
FDS4672A FAIRCHILD-FDS4672A_07 Datasheet
454Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
FDD8444 FAIRCHILD-FDD8444 Datasheet
343Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2mOhm
FDB016N04AL7 FAIRCHILD-FDB016N04AL7 Datasheet
1Mb / 9P
   N-Channel PowerTrench짰 MOSFET 40V, 306A, 1.6mW
FDD8445 FAIRCHILD-FDD8445 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7mOhm
FDD8444 FAIRCHILD-FDD8444_06 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com