Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC658AP Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDC658AP
Description  Single P-Channel Logic Level PowerTrench짰 MOSFET -30V, -4A, 50mOhm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC658AP Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDC658AP Datasheet HTML 1Page - Fairchild Semiconductor FDC658AP Datasheet HTML 2Page - Fairchild Semiconductor FDC658AP Datasheet HTML 3Page - Fairchild Semiconductor FDC658AP Datasheet HTML 4Page - Fairchild Semiconductor FDC658AP Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
January 2006
©2006 Fairchild Semiconductor Corporation
FDC658AP Rev. B (W)
www.fairchildsemi.com
1
FDC658AP
Single P-Channel Logic Level PowerTrench® MOSFET
-30V, -4A, 50m
General Description
This P-Channel Logic Level MOSFET is produced using
Fairchild's advanced PowerTrench process. It has been
optimized for battery power management applications.
Applications
Battery management
Load switch
Battery protection
DC/DC conversion
Features
Max rDS(on) = 50 mΩ @ VGS = -10 V, ID = -4A
Max rDS(on) = 75 mΩ @ VGS = -4.5 V, ID = -3.4A
Low Gate Charge
High performance trench technology for extremely low
rDS(on)
RoHS Compliant
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±25
V
ID
Drain Current - Continuous
-4
A
-20
PD
Maximum Power dissipation
1.6
W
0.8
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJA
Thermal Resistance, Junction-to-Ambient
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
30
°C/W
Device Marking
Device
Reel Size
Tape Width
Quantity
.58A
FDC658AP
7inch
8mm
3000 units
PIN 1
SuperSOTTM-6
S
D
D
G
D
D
5
1
6
2
3
4
(Note 1a)
(Note 1a)
(Note 1b)
(Note 1)
(Note 1a)
- Pulsed


Similar Part No. - FDC658AP

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FDC658AP KEXIN-FDC658AP Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDC658AP VBSEMI-FDC658AP Datasheet
1,005Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - FDC658AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDM6296 FAIRCHILD-FDM6296_07 Datasheet
231Kb / 6P
   Single N-Channel Logic-Level PowerTrench짰 MOSFET 30V,11.5A, 10.5m廓
FDC855N FAIRCHILD-FDC855N Datasheet
278Kb / 6P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET 30V, 6.1A, 27m廓
FDS6680A FAIRCHILD-FDS6680A_12 Datasheet
202Kb / 5P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET
FDB8860 FAIRCHILD-FDB8860_10 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6m
FDC5661N FAIRCHILD-FDC5661N Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 4A, 60m廓
FDB8878 FAIRCHILD-FDB8878 Datasheet
272Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 48A, 14mOhm
FDB8860 FAIRCHILD-FDB8860 Datasheet
260Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6mOhm
FDB8832 FAIRCHILD-FDB8832_10 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.1m廓
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860_08 Datasheet
343Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com