Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCF07680KGKR36 Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # CCF07680KGKR36
Description  Metal Film Resistors, Industrial, 짹 2 % and 짹 5 % Tolerance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

CCF07680KGKR36 Datasheet(HTML) 1 Page - Vaishali Semiconductor

  CCF07680KGKR36 Datasheet HTML 1Page - Vaishali Semiconductor CCF07680KGKR36 Datasheet HTML 2Page - Vaishali Semiconductor CCF07680KGKR36 Datasheet HTML 3Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
12
CCF07
Vishay Dale
For Technical Questions, contact ff3dresistors@vishay.com
Document Number: 31013
Revision 08-Dec-05
Metal Film Resistors, Industrial, ± 2 % and ± 5 % Tolerance
FEATURES
• 0.25 watt at + 70 °C power rating
Dual rated for 0.5 watt
• ± 2 % and ± 5 % tolerance
• ± 100 ppm/°C and ± 200 ppm/°C temperature
coefficient
• Tape and reel packaging for automatic insertion
(52.4 mm inside tape spacing per EIA-296-E)
• Flame retardant epoxy conformal coating
• Standard 4 band color code marking for ease of
identification after mounting
• Lead-(Pb)-free version is RoHS compliant
GLOBAL HISTORICAL
POWER RATING
LIMITING ELEMENT
TEMPERATURE
TOLERANCE
RESISTANCE
E-SERIES
MODEL
MODEL
P70 ˚C
VOLTAGE MAX.
COEFFICIENT
RANGE
WV
ppm/
°C%
CCF07
CCF-07
0.25 / 0.5
250
± 100
± 2, ± 5
10R - 1M
24
CCF07
CCF-07
0.25 / 0.5
250
± 200
± 5
1.1M - 2M
24
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
UNIT
CCF07
Rated Dissipation at 70 °C
W
0.25 / 0.5
Maximum Working Voltage
V
≤ 250
Insulation Voltage (1 min)
Veff
500
Dielectric Strength
VAC
450
Insulation Resistance
≥ 1011
Operating Temperature Range
°C
- 65 / + 150
Terminal Strength (pull test)
lb
2
Weight
g
0.35 max
TECHNICAL SPECIFICATIONS
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE
TEMPERATURE
PACKAGING
SPECIAL
CODE
COEFFICIENT
CCF07
R = Decimal
G = ± 2 %
K = 100 ppm
R36 = Tin/Lead, T/R (5000 pcs)
K = Thousand
J = ± 5 %
N = 200 ppm
E36 = Lead free, T/R (5000 pcs)
(Dash Number)
M = Million
(up to 3 digits)
10R0 = 10
from 1 - 999
680K = 680K
as applicable
2M00 = 2.0M
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: CCF07240RGKR36 (preferred part numbering format)
C
C
F
0
7
2
4
0
RG
KR
3
6
Historical Part Number example: CCF-07241G (will continue to be accepted)
CCF-07
241
G
R36
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
Blank = Standard
Available
Pb-free
RoHS*
COMPLIANT
e3
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - CCF07680KGKR36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CCF021M00FKE36 VISHAY-CCF021M00FKE36 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CCF021M00FKE361 VISHAY-CCF021M00FKE361 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CCF021M00FKE3611 VISHAY-CCF021M00FKE3611 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
CCF021M00FKE36999 VISHAY-CCF021M00FKE36999 Datasheet
272Kb / 3P
   Metal Film Resistors, Industrial Power, Flameproof
Revision 02-Feb-06
More results

Similar Description - CCF07680KGKR36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF50 VISHAY-CCF50_15 Datasheet
124Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % and ± 5 % Tolerance
Revision: 15-Nov-12
CCF50 VISHAY-CCF50 Datasheet
99Kb / 2P
   Metal Film Resistors, Industrial, 1%, 5% Tolerance
Revision 19-Aug-04
logo
New Jersey Semi-Conduct...
BZY88C8V1 NJSEMI-BZY88C8V1 Datasheet
120Kb / 2P
   Standard Voltage Tolerance is 짹 5 %
logo
Vishay Siliconix
CCF55 VISHAY-CCF55 Datasheet
161Kb / 2P
   Metal Film Resistors, Industrial, 1% Tolerance
Revision 05-Oct-05
CCF55 VISHAY-CCF55_15 Datasheet
75Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % Tolerance
logo
List of Unclassifed Man...
OM5155 ETC1-OM5155 Datasheet
110Kb / 2P
   Carbon Film Resistors 5% Tolerance
logo
Bourns Electronic Solut...
CM201212-22NKL BOURNS-CM201212-22NKL Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
CMF65221K00FKEB BOURNS-CMF65221K00FKEB Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
logo
Vishay Siliconix
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
   Metal Film Resistors, Industrial, Flameproof
Revision: 01-Feb-13
CMF55301R00FKRE70 VISHAY-CMF55301R00FKRE70 Datasheet
167Kb / 5P
   Metal Film Resistors, Industrial, Precision
Revision: 09-Sep-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com