Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOU452L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOU452L
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOU452L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOU452L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOU452L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOU452L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOU452L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOU452L Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
RθJA
39
50
RθJC
2.5
3
Repetitive avalanche energy L=0.1mH
C
135
A
mJ
Junction and Storage Temperature Range
A
PD
°C
50
25
-55 to 175
TC=100°C
Avalanche Current
C
30
ID
55
40
100
Pulsed Drain Current
C
Power Dissipation
B
TC=25°C
Continuous Drain
Current
G
Maximum
Units
Parameter
TC=25°C
TC=100°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
25
W
Maximum Junction-to-Case
B
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
Steady-State
°C/W
AOU452
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) =25V
ID = 55 A (VGS = 10V)
RDS(ON) < 9 mΩ (VGS = 10V)
RDS(ON) < 15 mΩ (VGS = 4.5V)
General Description
The AOU452 uses advanced trench technology and
design to provide excellent RDS(ON) with low gate
charge. This device is suitable for use in PWM, load
switching and general purpose applications. Standard
Product AOU452 is Pb-free (meets ROHS & Sony
259 specifications). AOU452L is a Green Product
ordering option. AOU452 and AOU452L are
electrically identical.
G
D
S
Top View
Drain Connected
to Tab
TO-251
G
D S
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOU452L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOU452 ISC-AOU452 Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOU452A VBSEMI-AOU452A Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - AOU452L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com